전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABTH16245DGGRE4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74ABTH16245DGGRE4
상세설명  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74ABTH16245DGGRE4 데이터시트(HTML) 5 Page - Texas Instruments

  74ABTH16245DGGRE4 Datasheet HTML 1Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 2Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 3Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ABTH16245DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN54ABTH16245, SN74ABTH16245
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS662I – MARCH 1996 – REVISED MARCH 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABTH16245
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1
2.2
3.6
0.5
4.1
ns
tPHL
A or B
B or A
1
2.3
3.8
0.5
4.4
ns
tPZH
OE
BorA
1
3.6
5.2
0.8
6.4
ns
tPZL
OE
B or A
1
3.7
6.1
0.9
6.5
ns
tPHZ
OE
BorA
2
4.4
6.7
1.3
7.9
ns
tPLZ
OE
B or A
1.5
3.3
4.7
1.4
5.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABTH16245
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1
2.2
3.4
1
3.9
ns
tPHL
A or B
B or A
1
2.3
3.7
1
4.2
ns
tPZH
OE
BorA
1
3.6
5.2
1
6.3
ns
tPZL
OE
B or A
1
3.7
5.4
1
6.4
ns
tPHZ
OE
BorA
2
4.4
5.8
2
6.3
ns
tPLZ
OE
B or A
1.5
3.3
4.7
1.5
5.2
ns


유사한 부품 번호 - 74ABTH16245DGGRE4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABTH16245BDGG PHILIPS-74ABTH16245BDGG Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
74ABTH16245BDL PHILIPS-74ABTH16245BDL Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
More results

유사한 설명 - 74ABTH16245DGGRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com