전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB43AA82A 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TSB43AA82A
상세설명  1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSB43AA82A 데이터시트(HTML) 5 Page - Texas Instruments

  TSB43AA82A Datasheet HTML 1Page - Texas Instruments TSB43AA82A Datasheet HTML 2Page - Texas Instruments TSB43AA82A Datasheet HTML 3Page - Texas Instruments TSB43AA82A Datasheet HTML 4Page - Texas Instruments TSB43AA82A Datasheet HTML 5Page - Texas Instruments TSB43AA82A Datasheet HTML 6Page - Texas Instruments TSB43AA82A Datasheet HTML 7Page - Texas Instruments TSB43AA82A Datasheet HTML 8Page - Texas Instruments TSB43AA82A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
v
3.4.42
DRF Trailer Register at E0h
3−32
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.43
DTF/DRF Page Count Register at E4h
3−32
. . . . . . . . . . . . . . . .
3.4.44
DTx Write Request Header Registers at E8h, ECh, F0h,
and F4h (DhdSel at 90h = 00b)
3−33
. . . . . . . . . . . . . . . . . . . . . .
3.4.45
DTF Packetizer Status Registers at E8h, ECh, F0h, and
F4h (DhdSel at 90h = 01b)
3−34
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.46
DRx Read Request Header Registers at E8h, ECh, F0h,
and F4h (DhdSel at 90h = 10b)
3−35
. . . . . . . . . . . . . . . . . . . . . .
3.4.47
DRx Packetizer Status Registers at E8h, ECh, F0h, and
F4h (DhdSel at 90h = 11b)
3−36
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.48
Log/ROM Control Register at F8h
3−38
. . . . . . . . . . . . . . . . . . . . .
3.4.49
Log ROM Data Register at FCh
3−39
. . . . . . . . . . . . . . . . . . . . . . .
4
Asynchronous Command FIFOs
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Sizes of Asynchronous Command FIFOs (total 378 quadlets)
4−1
. . . . .
4.1.1
MTQ/MRF
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1.2
CTQ/CRF
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1.3
ATF/ARF
4−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Asynchronous Command Transmit and Receive Data Formats
4−2
. . . .
4.2.1
tLabel/tCode Management for Packet Transmission
4−2
. . . . .
4.2.2
Reserved tLabel
4−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2.3
Exception to the Rule
4−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Asynchronous Transmit FIFO (ATF)
4−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.1
Generic Quadlet and Block Transmit
4−3
. . . . . . . . . . . . . . . . . .
4.3.2
PHY Packet Common Format
4−4
. . . . . . . . . . . . . . . . . . . . . . . .
4.4
Asynchronous Receive FIFO (ARF)
4−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.1
Generic Quadlet and Block Receive
4−7
. . . . . . . . . . . . . . . . . . .
4.5
Management and Command FIFOs (MTQ/CTQ and MRF/CRF)
4−9
. . .
4.5.1
MTQ/CTQ Format
4−9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.5.2
MRF/CRF Short Format
4−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.5.3
MRF/CRF Long Format
4−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
ConfigROM and LOG FIFOs (Total 126 Quadlets)
5−1
. . . . . . . . . . . . . . . . . . . .
5.1
Setting the ConfigROM and LOG FIFO Size
5−1
. . . . . . . . . . . . . . . . . . . .
5.2
Configuration ROM Setup
5−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Transaction LOG
5−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Transaction Timer/Manager (TrMgr)
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Confirm Transaction End
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Confirm End State
6−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3
Confirm Status of Ongoing Transaction
6−1
. . . . . . . . . . . . . . . . . . . . . . . . .
6.4
Abort Transaction
6−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Fast ORB Exchanger (FOX)
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
Command ORB Auto-Fetch Agent
7−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.1
Internal Agent Operation for Initiator
7−1
. . . . . . . . . . . . . . . . . . .
7.1.2
Internal Agent Transaction for Write Request
From Initiator
7−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.3
Internal Agent Transaction for Read Request
From Initiator
7−3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


유사한 부품 번호 - TSB43AA82A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AI TI1-TSB43AA82AI Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
More results

유사한 설명 - TSB43AA82A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB43AA82GGW TI1-TSB43AA82GGW Datasheet
108Kb / 5P
[Old version datasheet]   (iShynx II) 1394 Integrated PHY and Link-Layer Controller
TSB42AA9 TI-TSB42AA9 Datasheet
268Kb / 45P
[Old version datasheet]   STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
logo
Sony Corporation
CXD3220R SONY-CXD3220R Datasheet
655Kb / 65P
   IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com