전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC322245AEC 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74LVC322245AEC
상세설명  32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC322245AEC 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC322245AEC Datasheet HTML 4Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 5Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 6Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 7Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 8Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 9Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 10Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 11Page - NXP Semiconductors 74LVC322245AEC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 01
8
Philips Semiconductors
Product specification
32-bit bus transceiver with direction pin; 30
series termination resistors; 5 V tolerant; 3-state
74LVC322245A;
74LVCH322245A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω.
Note
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 to +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
nAn to nBn; nBn to nAn
see Figs 4 and 6
2.7
1.5
6.7
ns
3.0 to 3.6
1.5
3.3
5.7
tPZH/tPZL
3-state output enable time
nOE to nAn; nOE to nBn
see Figs 5 and 6
2.7
1.5
8.5
ns
3.0 to 3.6
1.5
4.3
7.5
tPHZ/tPLZ
3-state output disable time
nOE to nAn; nOE to nBn
see Figs 5 and 6
2.7
1.5
7.5
ns
3.0 to 3.6
1.5
4.0
6.5
Fig.4 Input nAn,nBn to output nBn,nAn propagation delay times.
VM = 1.5 V at VCC ≥ 2.7 V or
VM = 0.5 × VCC at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
handbook, halfpage
MNA477
nAn, nBn
INPUT
nBn, nAn
OUTPUT
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


유사한 부품 번호 - 74LVC322245AEC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC322244AEC PHILIPS-74LVC322244AEC Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
More results

유사한 설명 - 74LVC322245AEC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A Datasheet
87Kb / 17P
   Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2003 Nov 17
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16