전자부품 데이터시트 검색엔진 |
|
SLD2X1K000AA 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SLD2X1K000AA 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page Precision Resistor 1-2-3Network (Conformally Coated) TCR, Resistance Range,Tolerance, Rated Power Table 1. TCR Tracking is Subject to Resistance Ratio Power Derating Curve Configuration Composition of Type Number SLD 1X 1 0 K 0 0 B A SLD 2 X 1 K 0 0 0 1 0 K 0 0 B Q Example:R1 R2 Example:R1 R2 1 2 3 4 5 6 1 1 2 3 4 5 6 2 3 4 5 6 Type Number of Values TCR absolute Nominal Resistance Values Resistance Tolerance(Absolute) Resistance Tolerance(Matching) Type TCR(ppm C) SLD 25 C to 125 C Resistance Range Element( )* Resistance Tolerance(%) Rated Power Package(W) at 70 C 50 to 100 100 to 30k 0 5(X) 0 2.5(Y) Absolute Tracking Absolute Matching See Table 1 0.1(B) 0.5(D) 0.05(A) 0.1 (B) 0.05(A) 0.1 (B) 0.02(Q) 0.05(A) 0.1 (B) 0.25 Resistance Ratio Resistance Ratio 1 1 Resistance Ratio 100 Resistance Ratio 10 Resistance Ratio TCR Tracking Available (ppm C) 0.5 1 2 3 Symbols parenthesized are for type number composition. *Consult factory for resistance values composing network. Type L W T F t a b c SLD 7.5 0.5 7.5 0.5 2.2 0.5 2.54 0.25 5 1 0.3 0.05 1.0 0.05 0.65 0.05 0.4 0.05 Dimensions in mm L T F t a b c 20 40 60 80 100 100 80 60 40 20 (%) ( C) 125 120 70 140 Ambient Temperature Resistance value, in ohm, is expressed by a series of 5 characters, 4 of which represent significant digits while the 5th R or K is a dual purpose letter that designates both the value range (R for ohmic;K for kilo-ohm) and the location of decimal point. 10 100 |
유사한 부품 번호 - SLD2X1K000AA |
|
유사한 설명 - SLD2X1K000AA |