전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA201-600E 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BTA201-600E
상세설명  Triacs logic level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA201-600E 데이터시트(HTML) 3 Page - NXP Semiconductors

  BTA201-600E Datasheet HTML 1Page - NXP Semiconductors BTA201-600E Datasheet HTML 2Page - NXP Semiconductors BTA201-600E Datasheet HTML 3Page - NXP Semiconductors BTA201-600E Datasheet HTML 4Page - NXP Semiconductors BTA201-600E Datasheet HTML 5Page - NXP Semiconductors BTA201-600E Datasheet HTML 6Page - NXP Semiconductors BTA201-600E Datasheet HTML 7Page - NXP Semiconductors BTA201-600E Datasheet HTML 8Page - NXP Semiconductors BTA201-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA201_SER_B_E_ER_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2006
3 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
α = conduction angle
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
f = 50 Hz
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
0
0.5
1
1.5
0
0.2
0.4
0.6
0.8
1
1.2
IT(RMS) (A)
125
95
65
35
003aaa954
Tlead (max)
(
°C)
Ptot
(W)
α = 180°
120
°
90
°
60
°
30
°
α
α
1
10
102
103
0
4
8
12
ITSM
(A)
n
16
003aaa956


유사한 부품 번호 - BTA201-600E

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA201-600E NXP-BTA201-600E Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201-600E NXP-BTA201-600E Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-600E WEEN-BTA201-600E Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA201-600E

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com