전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC827ADB 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVC827ADB
상세설명  10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC827ADB 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC827ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC827ADB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LVC827A
10-bit buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
1998 Sep 04
6
DC ELECTRICAL CHARACTERISTICS
(Continued)
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
I
Input leakage current
VCC =3 6V; V = 5 5V or GND
Not for I/O pins
"01
"5
µA
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND
Not for I/O pins
"0.1
"5
µA
IOZ
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL;VO = 5.5V or GND
0.1
"5
µA
Ioff
Power off leakage supply
VCC = 0.0V; VI or VO = 5.5V
0.1
"10
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply current
per input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. The specified overdrive current at the data input forces the data input to the opposite logic input state.
AC CHARACTERISTICS
GND = 0V; tr = tf v 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
1An to 1Yn;
2An to 2Yn
Figures 1, 3
1.5
4.0
6.7
1.5
7.1
15
ns
tPZH
tPZL
3-State output enable time
OE1 to 1Yn;
OE2 to 2Yn
Figures 2, 3
1.5
5.4
8.5
1.5
9.5
25
ns
tPHZ
tPLZ
3-State output disable time
OE1 to 1Yn;
OE2 to 2Yn
Figures 2, 3
1.5
4.0
6.7
1.5
7.3
11
ns
NOTE:
1. Unless otherwise stated, all typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
V M
An INPUT
Yn OUTPUT
V M
t PLH
t PHL
GND
V I
V OL
V OH
SA00431
Figure 1. The input (An) to output (Yn) propagation delays.
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
OUTPUT
HIGH–to–OFF
OFF–to–HIGH
OUTPUT
LOW–to–OFF
OFF–to–LOW
VM
VM
OEn INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
SA00430
Figure 2. 3-State enable and disable times.


유사한 부품 번호 - 74LVC827ADB

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC827ADB NEXPERIA-74LVC827ADB Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
More results

유사한 설명 - 74LVC827ADB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
logo
NXP Semiconductors
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
Nexperia B.V. All right...
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
logo
NXP Semiconductors
74LVC16241A PHILIPS-74LVC16241A_15 Datasheet
186Kb / 17P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-26 October 2011
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com