전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX20116 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CX20116
상세설명  8 bit, 100 MHz Flash A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CX20116 데이터시트(HTML) 5 Page - Sony Corporation

  CX20116 Datasheet HTML 1Page - Sony Corporation CX20116 Datasheet HTML 2Page - Sony Corporation CX20116 Datasheet HTML 3Page - Sony Corporation CX20116 Datasheet HTML 4Page - Sony Corporation CX20116 Datasheet HTML 5Page - Sony Corporation CX20116 Datasheet HTML 6Page - Sony Corporation CX20116 Datasheet HTML 7Page - Sony Corporation CX20116 Datasheet HTML 8Page - Sony Corporation CX20116 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image


유사한 부품 번호 - CX20116

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CX20102 SONY-CX20102 Datasheet
134Kb / 9P
   PCM-RF SIGNAL PROCESSING
CX20125 SONY-CX20125 Datasheet
132Kb / 7P
   CX20125
CX20148 SONY-CX20148 Datasheet
377Kb / 16P
   NOISE REDUCTION
CX20152 SONY-CX20152 Datasheet
625Kb / 18P
   Dual 16 Bit, 88kHz, Multiplexed D/A .
CX20152PCB SONY-CX20152PCB Datasheet
625Kb / 18P
   Dual 16 Bit, 88kHz, Multiplexed D/A .
More results

유사한 설명 - CX20116

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
ADC-309 MURATA-PS-ADC-309 Datasheet
350Kb / 4P
   8-BIT, 500 MHz FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com