전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N27-X009 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 4N27-X009
상세설명  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N27-X009 데이터시트(HTML) 5 Page - Vishay Siliconix

  4N27-X009 Datasheet HTML 1Page - Vishay Siliconix 4N27-X009 Datasheet HTML 2Page - Vishay Siliconix 4N27-X009 Datasheet HTML 3Page - Vishay Siliconix 4N27-X009 Datasheet HTML 4Page - Vishay Siliconix 4N27-X009 Datasheet HTML 5Page - Vishay Siliconix 4N27-X009 Datasheet HTML 6Page - Vishay Siliconix 4N27-X009 Datasheet HTML 7Page - Vishay Siliconix 4N27-X009 Datasheet HTML 8Page - Vishay Siliconix 4N27-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4N25/ 4N26/ 4N27/ 4N28
Document Number 83725
Rev. 1.4, 26-Jan-05
Vishay Semiconductors
www.vishay.com
5
Figure 5. Normalized Non-saturated and saturated CTR vs. LED
Current
Figure 6. Collector-Emitter Current vs. Temperature and LED
Current
Figure 7. Collector-Emitter Leakage Current vs.Temp.
i4n25_05
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce = 0.4 V
Vce=10 V, IF=10 mA, TA=25°C
NCTR
NCTR(SAT)
TA=85°C
i4n25_06
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
85°C
IF - LED Current - mA
25°C
i4n25_07
100
80
60
40
20
0
–20
10
10
10
10
10
10
10
10
–2
–1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Typical
Vce =10V
Figure 8. Normalized CTRcb vs. LED Current and Temp.
Figure 9. Normalized Photocurrent vs. IF and Temp.
Figure 10. Normalized Non-saturated HFE vs. Base Current and
Temperature
i4n25_08
Normalized to:
0.0
0.5
1.0
1.5
25°C
50°C
70°C
IF - LED Current - mA
.1
1
10
100
Vcb=9.3 V, IF=10 mA, TA=25°C
i4n25_09
0.
Normalized to:
0.01
1
1
10
IF - LED Current - mA
.1
1
10
100
IF=10 mA, TA=25°C
Nib, TA=–20°C
Nib, TA= 25°C
Nib, TA= 50°C
Nib, TA= 70°C
i4n25_10
0.4
0.6
1.0
1.2
Normalized to:
Ib - Base Current -
µA
110
100
1000
Ib=20
µA, Vce=10 V, TA=25°C
25°C
70°C
–20°C
0.8


유사한 부품 번호 - 4N27-X009

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
4N27-X009T VISHAY-4N27-X009T Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

유사한 설명 - 4N27-X009

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com