전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5764BSU 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5764BSU
상세설명  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5764BSU 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5764BSU Datasheet HTML 2Page - Analog Devices AD5764BSU Datasheet HTML 3Page - Analog Devices AD5764BSU Datasheet HTML 4Page - Analog Devices AD5764BSU Datasheet HTML 5Page - Analog Devices AD5764BSU Datasheet HTML 6Page - Analog Devices AD5764BSU Datasheet HTML 7Page - Analog Devices AD5764BSU Datasheet HTML 8Page - Analog Devices AD5764BSU Datasheet HTML 9Page - Analog Devices AD5764BSU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 6 of 27
AC PERFORMANCE CHARACTERISTICS
AVDD = +11.4 V to +16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND=0 V; REFAB = REFCD= 5 V Ext;
DVCC = 2.7 V to 5.5 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted. Guaranteed by design and
characterization, not production tested.
Table 2.
Parameter
A Grade
B Grade
C Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
8
8
8
µs typ
Full-scale step
10
10
10
µs max
1
1
1
µs max
512 LSB step settling @ 16 Bits
Slew Rate
5
5
5
V/µs typ
Digital-to-Analog Glitch Energy
5
5
5
nV-s typ
Glitch Impulse Peak Amplitude
5
5
5
mV max
Channel-to-Channel Isolation
100
100
100
dB typ
DAC-to-DAC Crosstalk
5
5
5
nV-s typ
Digital Crosstalk
5
5
nV-s typ
Digital Feedthrough
1
1
nV-s typ
Effect of input bus activity on DAC
output under test
Output Noise (0.1 Hz to 10 Hz)
0.1
0.1
LSB p-p typ
Output Noise (0.1 kHz to 100 kHz)5
45
45
µV rms max
1/f Corner Frequency
1
1
kHz typ
Output Noise Spectral Density
60
60
nV/√Hz typ
Measured at 10 kHz
Complete System Output Noise Spectral
Density6
80
80
nV/√Hz typ
Measured at 10 kHz
5 Guaranteed by design and characterization. Not production tested.
6 Includes noise contributions from integrated reference buffers, 14/16-bit DAC and output amplifier.
AD5744/AD5764


유사한 부품 번호 - AD5764BSU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5764BSU AD-AD5764BSU Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5764BSUZ AD-AD5764BSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy
Rev. F
AD5764BSUZ-REEL7 AD-AD5764BSUZ-REEL7 Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy
Rev. F
More results

유사한 설명 - AD5764BSU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com