전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16240ADL 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74LVT16240ADL
상세설명  3.3V LVT 16-bit inverting buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16240ADL 데이터시트(HTML) 4 Page - NXP Semiconductors

  74LVT16240ADL Datasheet HTML 1Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 2Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 3Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 4Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 5Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 6Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 7Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 8Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16240A
3.3V 16-bit inverting buffer/driver (3-State)
1998 Feb 19
4
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
-0.5 to +4.6
V
IIK
DC input diode current
VI < 0
-50
mA
VI
DC input voltage3
-0.5 to +7.0
V
IOK
DC output diode current
VO < 0
-50
mA
VOUT
DC output voltage3
Output in Off or High state
-0.5 to +7.0
V
IO
DC output current
Output in Low state
128
mA
IOUT
DC output current
Output in High state
-64
mA
Tstg
Storage temperature range
-65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Input voltage
0.8
V
IOH
High-level output current
-32
mA
IOL
Low-level output current
32
mA
Low-level output current; current duty cycle
≤ 50%; f ≥ 1kHz
64
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
-40
+85
°C


유사한 부품 번호 - 74LVT16240ADL

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVT16240ADGG NEXPERIA-74LVT16240ADGG Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
More results

유사한 설명 - 74LVT16240ADL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com