전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT2952D 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVT2952D
상세설명  3.3V LVT octal registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2952D 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT2952D Datasheet HTML 2Page - NXP Semiconductors 74LVT2952D Datasheet HTML 3Page - NXP Semiconductors 74LVT2952D Datasheet HTML 4Page - NXP Semiconductors 74LVT2952D Datasheet HTML 5Page - NXP Semiconductors 74LVT2952D Datasheet HTML 6Page - NXP Semiconductors 74LVT2952D Datasheet HTML 7Page - NXP Semiconductors 74LVT2952D Datasheet HTML 8Page - NXP Semiconductors 74LVT2952D Datasheet HTML 9Page - NXP Semiconductors 74LVT2952D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LVT2952
3.3V Octal registered transceiver (3-State)
1998 Feb 19
6
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
fMAX
Maximum clock frequency
1
150
200
MHz
tPLH
tPHL
Propagation delay
CPBA to An, CPAB to Bn
1
1.3
1.8
3.1
3.8
6.1
6.0
7.1
6.9
ns
tPZH
tPZL
Output enable time
OEBA to An, OEAB to Bn
3
4
1.0
1.2
3.4
3.6
5.6
6.5
6.7
8.0
ns
tPHZ
tPLZ
Output disable time
OEBA to An, OEAB to Bn
3
4
1.0
1.6
3.7
3.4
6.3
5.1
6.9
5.3
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MIN
ts(H)
ts(L)
Setup time
An to CPAB or Bn to CPBA
2
2.5
2.5
1
1
2.8
3.0
ns
tn(H)
tn(L)
Hold time
An to CPAB ro Bn to CPBA
2
1.5
2.5
–0.5
–0.5
0.7
2.6
ns
ts(H)
ts(L)
Setup time
CEAB to CPAB or CEBA to CPBA
2
0.9
2.4
0.3
–0.3
0.8
2.7
ns
tn(H)
tn(L)
Hold time
CEAB to CPAB or CEBA to CPBA
2
1.5
2.5
0.3
0
0.7
2.6
ns
tW(H)
tW(L)
CPAB or CPBA pulse width
High or Low
1
3.3
3.3
1
1
3.3
3.3
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
1.5V
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
CPBA or
CPAB
An or Bn
1.5V
1.5V
1.5V
1.5V
2.7V
0V
VOH
VOL
SV00040
Waveform 1.
Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
An, Bn
CEAB,
CEBA
CPAB,
CPBA
ts(H)
th(H)
ts(L)
th(L)
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
2.7V
0V
2.7V
0V
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SV00131
Waveform 2.
Data Setup and Hold Times


유사한 부품 번호 - 74LVT2952D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT20 PHILIPS-74LVT20 Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20D PHILIPS-74LVT20D Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20DB PHILIPS-74LVT20DB Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PW PHILIPS-74LVT20PW Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PWDH PHILIPS-74LVT20PWDH Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
More results

유사한 설명 - 74LVT2952D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
   Octal D-type registered transceiver 3-State
1998 Jul 31
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com