전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT543PWDH 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74LVT543PWDH
상세설명  3.3V Octal latched transceiver with dual enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT543PWDH 데이터시트(HTML) 2 Page - NXP Semiconductors

  74LVT543PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT543PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT543
3.3V Octal latched transceiver with dual enable
(3-State)
2
1998 Feb 19
853-1749 18988
FEATURES
Combines 74LVT245 and 74LVT373 type functions in one device
8-bit octal transceiver with D-type latch
Back-to-back registers for storage
Separate controls for data flow in each direction
Output capability: +64mA/–32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Power-up 3-State
Power-up reset
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74LVT543 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device contains two sets of D-type latches for temporary
storage of data flowing in either direction. Separate Latch Enable
(LEAB, LEBA) and Output Enable (OEAB, OEBA) inputs are
provided for each register to permit independent control of data
transfer in either direction. The outputs are guaranteed to sink
64mA.
FUNCTIONAL DESCRIPTION
The 74LVT543 contains two sets of eight D–type latches, with
separate control pins for each set. Using data flow from A to B as an
example, when the A-to-B Enable (EAB) input and the A-to-B Latch
Enable (LEAB) input are Low the A-to-B path is transparent. A
subsequent Low-to-High transition of the LEAB signal puts the A
data into the latches where it is stored and the B outputs no longer
change with the A inputs. With EAB and OEAB both Low, the
3-State B output buffers are active and display the data present at
the outputs of the A latches.
Control of data flow from B to A is similar, but using the EBA, LEBA,
and OEBA inputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF;
VCC = 3.3V
2.3
3.0
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
CI/O
I/O capacitance
Outputs disabled; VI/O = 0V or 3.0V
10
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic SOL
–40
°C to +85°C
74LVT543 D
74LVT543 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT543 DB
74LVT543 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT543 PW
74LVT543PW DH
SOT355-1
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
10
15
9
8
7
6
5
4
3
2
1
VCC
EBA
B0
B1
B2
B3
B4
B5
B6
B7
OEBA
A0
A1
A2
A3
A4
A5
A6
A7
LEBA
14
12
13
11
LEAB
OEAB
EAB
GND
SV00026
LOGIC SYMBOL
21
22
B0 B1 B2
19
20
B3
345
6
A0 A1 A2 A3
11
23
17
18
B4 B5 B6
15
16
B7
789
10
A4 A5 A6 A7
EAB
EBA
14
LEAB
1
LEBA
13
OEAB
2
OEBA
SV00027


유사한 부품 번호 - 74LVT543PWDH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534D PHILIPS-74LVT534D Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534DB PHILIPS-74LVT534DB Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534PW PHILIPS-74LVT534PW Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
74LVT534PWDH PHILIPS-74LVT534PWDH Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
More results

유사한 설명 - 74LVT543PWDH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
   Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com