전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT574PW 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVT574PW
상세설명  3.3V Octal D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT574PW 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT574PW Datasheet HTML 4Page - NXP Semiconductors 74LVT574PW Datasheet HTML 5Page - NXP Semiconductors 74LVT574PW Datasheet HTML 6Page - NXP Semiconductors 74LVT574PW Datasheet HTML 7Page - NXP Semiconductors 74LVT574PW Datasheet HTML 8Page - NXP Semiconductors 74LVT574PW Datasheet HTML 9Page - NXP Semiconductors 74LVT574PW Datasheet HTML 10Page - NXP Semiconductors 74LVT574PW Datasheet HTML 11Page - NXP Semiconductors 74LVT574PW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74LVT574
3.3V Octal D-type flip-flop (3-State)
1998 Feb 19
9
SSOP20:
plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1


유사한 부품 번호 - 74LVT574PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT574PW NXP-74LVT574PW Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
More results

유사한 설명 - 74LVT574PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
   3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com