전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT623PW 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74LVT623PW
상세설명  3.3 V octal transceiver with dual enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT623PW 데이터시트(HTML) 4 Page - NXP Semiconductors

  74LVT623PW Datasheet HTML 1Page - NXP Semiconductors 74LVT623PW Datasheet HTML 2Page - NXP Semiconductors 74LVT623PW Datasheet HTML 3Page - NXP Semiconductors 74LVT623PW Datasheet HTML 4Page - NXP Semiconductors 74LVT623PW Datasheet HTML 5Page - NXP Semiconductors 74LVT623PW Datasheet HTML 6Page - NXP Semiconductors 74LVT623PW Datasheet HTML 7Page - NXP Semiconductors 74LVT623PW Datasheet HTML 8Page - NXP Semiconductors 74LVT623PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT623
3.3 V octal transceiver with dual enable (3-State)
1999 Jul 09
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–32
mA
IO
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%; f ≥ 1 kHz
64
mA
∆t/∆v
Input transition rise or fall rate; outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7 V; IIK = –18 mA
–0.9
–1.2
V
VCC = 2.7 to 3.6 V; IOH = –100 µA
VCC-0.2
VCC-0.1
VOH
High-level output voltage
VCC = 2.7 V; IOH = –8 mA
2.4
2.5
V
VCC = 3.0 V; IOH = –32 mA
2.0
2.2
VCC = 2.7 V; IOL = 100 µA
0.1
0.2
VCC = 2.7 V; IOL = 24 mA
0.3
0.5
VOL
Low-level output voltage
VCC = 3.0 V; IOL = 16 mA
0.25
0.4
V
VCC = 3.0 V; IOL = 32 mA
0.3
0.5
VCC = 3.0 V; IOL = 64 mA
0.4
0.55
VRST
Power-up output low voltage5
VCC = 3.6 V; IO = 1 mA; VI = GND or VCC
0.13
0.55
V
VCC = 3.6 V; VI = VCC or GND
Control pins
±0.1
±1
VCC = 0 or 3.6 V; VI = 5.5 V
Control pins
1
10
II
Input leakage current
VCC = 3.6 V; VI = 5.5 V
1
20
µA
VCC = 3.6 V; VI = VCC
I/O Data pins4
0.1
1
VCC = 3.6 V; VI = 0
–1
-5
IOFF
Output off current
VCC = 0 V; VI or VO = 0 to 4.5 V
1
±100
µA
I O
Bus Hold current
VCC = 3 V; VI = 0.8 V
75
150
µA
IHOLD
A or B ports
VCC = 3 V; VI = 2.0 V
–75
–150
µA
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5 V; VCC = 3.0 V
60
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND or VCC;
OE/OE = Don’t care
15
±100
µA
ICCH
VCC = 3.6 V; Outputs High, VI = GND or VCC, IO = 0
0.13
0.19
ICCL
Quiescent supply current
VCC = 3.6 V; Outputs Low, VI = GND or VCC, IO = 0
3
12
mA
ICCZ
VCC = 3.6 V; Outputs Disabled; VI = GND or VCC, IO = 0
0.13
0.19
∆ICC
Additional supply current per
input pin2
VCC = 3 V to 3.6 V; One input at VCC -0.6 V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3 V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.


유사한 부품 번호 - 74LVT623PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

유사한 설명 - 74LVT623PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com