전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54F646SPMX 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54F646SPMX
상세설명  Octal Transceiver/Register with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F646SPMX 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  54F646SPMX Datasheet HTML 1Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 2Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 3Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 4Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 5Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 6Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 7Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 8Page - National Semiconductor (TI) 54F646SPMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLF9580
December 1994
54F74F646
 74F646B  54F74F648
Octal TransceiverRegister with TRI-STATE
Outputs
General Description
These devices consist of bus transceiver circuits with TRI-
STATE D-type flip-flops and control circuitry arranged for
multiplexed transmission of data directly from the input bus
or from the internal registers Data on the A or B bus will be
clocked into the registers as the appropriate clock pin goes
to a high logic level Control G and direction pins are provid-
ed to control the transceiver function In the transceiver
mode data present at the high impedance port may be
stored in either the A or the B register or in both The select
controls can multiplex stored and real-time (transparent
mode) data The direction control determines which bus will
receive data when the enable control G is Active LOW In
the isolation mode (control G HIGH) A data may be stored
in the B register andor B data may be stored in the A regis-
ter
Features
Y
Independent registers for A and B buses
Y
Multiplexed real-time and stored data
Y
’F648 has inverting data paths
Y
’F646’F646B have non-inverting data paths
Y
’F646B is a faster version of the ’F646
Y
TRI-STATE outputs
Y
300 mil slim DIP
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F646SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F646DM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F646SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
74F646MSA (Note 1)
MSA24
24-Lead Molded Shrink Small Outline EIAJ Type II
54F646FM (Note 2)
W24C
24-Lead Cerpack
54F646LM (Note 2)
E28A
28-Lead Ceramic Leadless Chip Carrier Type C
74F646BSPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
74F646BSC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
74F648SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F648SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F648SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F648FM (Note 2)
W24C
24-Lead Cerpack
54F648LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
’F646’F646B
TLF9580 – 1
’F648
TLF9580 – 7
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


유사한 부품 번호 - 54F646SPMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F64 NSC-54F64 Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64DM NSC-54F64DM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64FM NSC-54F64FM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64LM NSC-54F64LM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
More results

유사한 설명 - 54F646SPMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
   Octal Transceiver/Register with TRI-STATE Outputs
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com