전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSTD16211MTD 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FSTD16211MTD
상세설명  24-Bit Bus Switch with Level Shifting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD16211MTD 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FSTD16211MTD Datasheet HTML 1Page - Fairchild Semiconductor FSTD16211MTD Datasheet HTML 2Page - Fairchild Semiconductor FSTD16211MTD Datasheet HTML 3Page - Fairchild Semiconductor FSTD16211MTD Datasheet HTML 4Page - Fairchild Semiconductor FSTD16211MTD Datasheet HTML 5Page - Fairchild Semiconductor FSTD16211MTD Datasheet HTML 6Page - Fairchild Semiconductor FSTD16211MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 9: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 10)
Note 10: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
Conditions
CL = 50pF, RU = RD = 500Ω
Figure
VCC = 4.5 – 5.5V
Number
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus (Note 9)
0.25
ns
VI = OPEN
Figures
1, 2
tPZH, tPZL
Output Enable Time
1.5
5.5
ns
VI = 7V for tPZL
Figures
1, 2
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
6.5
ns
VI = 7V for tPLZ
Figures
1, 2
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3.5
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
5.5
pF
VCC, OE = 5.0V


유사한 부품 번호 - FSTD16211MTD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSTD16211MTD ONSEMI-FSTD16211MTD Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
More results

유사한 설명 - FSTD16211MTD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Texas Instruments
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125 Datasheet
145Kb / 7P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com