전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1229VEC 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1229VEC
상세설명  I2C Compatible CMOS TV RGB and Deflection Processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229VEC 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1229VEC Datasheet HTML 7Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 8Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 9Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 10Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 11Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 12Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 13Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 14Page - National Semiconductor (TI) LM1229VEC Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
10
EW
OUT
EW
OUT is the output used for control of width,
pincushion, trapezoid and top and bottom
corners. Its lowest voltage is in the middle of
vertical scan. The amplitudes of these functions
are register controlled.
11
FOCUS
OUT
FOCUS
OUT is used for dynamic focus
adjustment. The peak to peak amplitude is
register controlled and if it is used for both
horizontal and vertical dynamic focus, their
amplitudes will be controlled proportionately.
V
CC & GND
Power supply and ground pin for all the LM1229.
Note the recommended charge storage and high
frequency capacitors which should be as close to
pins wherever possible.
14
HDRIVE
OUT
This is the horizontal drive output. When this
output is low, the horizontal output transistor is
on and a positive edge at pin 14 starts the
flyback pulse. The duty cycle slowly increases to
50% when power is applied. The output sink
current should not exceed 10 mA.
15
SCL
The I
2C compatible clock line. A pull-up resistor
of about 4.7 k
Ω should be connected between
this pin and V
CC. A resistor of at least 100
should be connected in series with the clock line
for additional ESD protection.
16
SDA
The I
2C compatible data line. A pull-up resistor of
about 4.7 k
Ω should be connected between this
pin and V
CC. A resistor of at least 100
Ω should
be connected in series with the data line for
additional ESD protection.
www.national.com
11


유사한 부품 번호 - LM1229VEC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
More results

유사한 설명 - LM1229VEC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com