전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

WHM2535-12AE 데이터시트(Datasheet) 1 Page - List of Unclassifed Manufacturers

부품명 WHM2535-12AE
상세내용  2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 1 page
background image
1
www.wantcominc.com
REV B
2.5 – 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE1
Key Features:
Impedance:
50 Ohm
MTBF2:
>1,500,000 hrs (171 Years)
LGA (land grid array) package:
6-pin
Low Noise:
0.90 dB
Output IP3:
31 dBm
Gain:
14.0 dB
P1dB:
14.0 dBm
Single power supply:
30 mA @ +5V
Frequency Range:
2.5 ~ 3.5 GHz
Operating Temperature:
-40 ~ +85 ºC
Input Return Losses:
16 dB or better
Output Return Losses:
20 dB or better
Small size:
0.25” x 0.25” x 0.060” (5.0 mm x 5.0 mm x 1.52 mm)
Built-in Functions:
DC blocks at input and output, temperature compensation
circuits, and auto DC biases.
Specifications:
a) Table 1 Summary of the electrical specifications WHM2535-12AE at room temperature
Index
Testing Item
Symbol
Test Constraints
Nom (RT)
Min
Max
Unit
1
Gain
S21
2.5 – 3.5 GHz
14
13.0
15
dB
2
Gain Variation
∆G
2.5 – 3.5 GHz
+/- 0.25
+/- 0.5
dB
3
Input Return Loss
S11
2.5 – 3.5 GHz
17
16
dB
4
Output Return Loss
S22
2.5 – 3.5 GHz
22
20
dB
5
Reverse Isolation
S12
2.5 – 3.5 GHz
18
16
dB
6
Noise figure
NF
2.5 – 3.5 GHz
0.90
1.2
dB
7
Output Power 1dB
compression Point
P1dB
2.5 – 3.5 GHz
14
13
dBm
8
Output-Third-Order
Interception point
IP3
Two-Tone, Pout +0 dBm
each, 1 MHz separation
31
29
dBm
10
Current Consumption
Idd
Vdd= +5 V
30
25
35
mA
11
Power Supply Voltage
Vdd
+5
+4.7
+5.3
V
12
Thermal Resistance
Rth,c
Junction to case
215
oC/W
13
Operating Temperature
To
-40
+85
oC
14
Maximum Average RF Input
Power
PIN, MAX
2.5 – 3.5 GHz
10
dBm
1
Specifications are subject to change without notice.
2
MTBF: Mean Time Between Failure, Per TR-NWT-000332, ISSUE 3, SEPTEMBER, 1990, T=40 oC
WHM2535-12AE LNA is a low noise figure, wideband, and high linearity
SMT packaged amplifier. The amplifier offers typical noise figure of 0.90 dB
and output IP3 of 31.0 dBm at the frequency range from 2.50 GHz to 3.50 GHz
of L, S, and C bands. WHM2535-12AE provides excellent performance
consistency between each part due to the high volume precision production
with advance quality control. WHM2535-12AE LNA is most suitable for
cellular base stations, wireless data communications, tower top receiver
amplifiers,
last-mile
wireless
communication systems,
and wireless
measurement applications.




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
UPC2713T1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 NEC
AMMC-502323 GHz Low Noise Amplifier 21.2-26.5 GHz 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FS81702.5 GHz Low Power Phase-locked Loop IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MT3S46TVCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION 1 2 3 4 Toshiba Semiconductor
MGA-71543_04Low Noise Amplifier with Mitigated Bypass Switch 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
UPG100BLOW NOISE WIDE-BAND AMPLIFIER 1 2 3 4 NEC
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
MT3S40TVCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION 1 2 3 4 Toshiba Semiconductor
BGA622Silicon Germanium Wide Band Low Noise Amplifier 1 2 3 4 5 MoreInfineon Technologies AG

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl