전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP1440 데이터시트(Datasheet) 1 Page - Chicago Miniature Lamp,inc

부품명 HLMP1440
상세내용  T-100 (T-1) Non-Diffused Lens LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CML [Chicago Miniature Lamp,inc]
홈페이지  http://www.cml-it.com
Logo 

   
 1 page
background image
DESCRIP TION A ND FE A T URES
T-100 (T-1) Non-Diffused Lens LED Lamps
EL ECTRO-OP TIC A L C HA R A C TERISTICS A ND R A TINGS
585
585
585
585
3.0
3.0
3.0
3.0
2.1
2.1
2.1
2.2
35
35
35
35
8.0
4.0
12.0
60.0
6.0
3.0
6.0
24.0
Y ellow
Y ellow
Y ellow
Y ellow
(V )
Max.
(V )
Typ.
(mcd)
Typ.
(mcd)
Min.
(degrees )
Angle
Viewing
(nm)
Wavelength
Peak
Forward V oltage
Luminous Intens ity
Emitted
Color
Part Number
HLMP 1440
C MD5360
C MD53621
CMD53622
Color
Lens
Pale T int
Pale T int
Y ellow
Y ellow
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Package
Type
635
565
565
565
3.0
3.0
3.0
3.0
2.2
2.1
2.1
2.2
35
35
35
35
60.0
12.0
12.0
60.0
24.0
6.0
6.0
24.0
H.E .R ed
H.E .G reen
H.E .G reen
H.E .G reen
HLMP 1540
C MD5460
C MD54624
HLMP 1340
Pale T int
Pale T int
G reen
Pale T int
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
635
635
635
635
3.0
3.0
3.0
3.0
2.0
2.0
2.0
2.0
35
35
35
35
12.0
4.0
2.0
12.0
6.0
3.0
1.5
6.0
H.E .R ed
H.E .R ed
H.E .R ed
H.E .R ed
C MD5760
C MD57620
C MD57621
C MD57622
Pale T int
Red
Red
Red
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
A B SOL UTE M A X IMUM R A TINGS
Power Dissipation............................................................................................................... .........120 mW
Operating/Storage Temperature............................................................................................-55 to +100°C
cyc le)...................................................................................90mA
Reverse Voltage (IR=100
µA)..............................................................................................................5.0V
Forward Current................................................................................................................. ............30mA
Lead Solder Time at 260°C.........................................................................................................5 seconds
This series of lamps offers both standard and ultra-bright
devices. The HLMP1X40 devices are pin for pin replacements
for Hewlett Packard lamps. All lamps are tinted to some
degree to aid in their identification. These lamps feature high
efficiency GaP based chips, 2.54mm lead spacing,
T-1 diameter and wide view angles. These lamps are excellent
replacements for the HLMP-1X20/1 series.
CAT HODE
2.54
±0.25
SQ. T Y P .
0.46
±0.08
2.92
±0.25
RE F .
1.02
RE F .
1.27
MIN.
25.4
5.72
±0.64
4.45
±0.25
3.18
±0.25
All dimensions in mm.
Peak Forward Current (1
µs @ 0.3% duty
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
CMD5152T-1 3/4 Clear Lens LED Lamps 1 Chicago Miniature Lamp,inc
CMD50640T-100 T-1 Diffused Lens LED Lamps 1 Chicago Miniature Lamp,inc
MVL-544UOLT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5A4UYLT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MT130-HRT-1 3/4 LED LAMPS WITH STANDOFFS 1 Marktech Corporate
MT500-URT-1 3/4 ULTRA BRIGHT LED LAMPS 1 Marktech Corporate
313-2SURC-S530-A6T-1 3/4 ROUND SHAPE LED LAMPS 1 2 3 4 List of Unclassifed Manufacturers
SSL-LX433IDT-5mm T-1 3/4 635nm RED LED RED DIFFUSED FREZNEL LENS 1 List of Unclassifed Manufacturers
MVL-544UYLT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5C4BST-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl