전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1986JSTZ-REEL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD1986JSTZ-REEL
상세설명  AC ??7 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1986JSTZ-REEL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD1986JSTZ-REEL Datasheet HTML 5Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 10Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 11Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 12Page - Analog Devices AD1986JSTZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD1986
Rev. 0 | Page 9 of 52
AC ’97 TIMING PARAMETERS
Guaranteed over operating temperature range. Refer to the AC ’97 specifications (Revision 2.3, Release 1.0) for further information. The
specification can be downloaded from http://developer.intel.com/ial.scalableplatforms/audio.
RESET
BIT_CLK
tRST_LOW
tRST2CLK
Figure 2. Cold Reset Timing (CODEC is Supplying the BIT_CLK Signal)
Table 14.
Symbol
Parameter
Min
Typ
Max
Unit
tRST_LOW
Recommended During Active (Low) RESET Signal
1.0
µS
tRST2CLK
RESET Inactive (High) to BIT_CLK Active
162.8
400,000
nS
SYNC
BIT_CLK
tSYNC_HIGH
tSYNC2CLK
Figure 3. Warm Reset Timing
Table 15.
Symbol
Parameter
Min
Typ
Max
Unit
tSYNC_HIGH
Sync Active (High) Pulse Width
1.3
µS
tSYNC2CLK
Sync Inactive to BITCLK Startup Delay
162.8
nS
tSETUP2RST
tOFF
Hi-Z
RESET
SDATA_OUT
SYNC
BIT_CLK, EAPD,
SPDIF_OUT,
SDATA_IN,
DIGITAL I/O
re 4. ATE Test Mode
Table 16.
Symbol
Parameter
Min
Typ
Max
Unit
Figu
tSETUP2RST
Setup to RESET Inactive (SYNC, SDATA_OUT)
15
nS
tOFF
Rising Edge of RESET to Hi-Z Delay
25
nS


유사한 부품 번호 - AD1986JSTZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

유사한 설명 - AD1986JSTZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com