전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3743MM-1000 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3743MM-1000
상세설명  N-Channel FET Synchronous Buck Controller for Low Output Voltages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3743MM-1000 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM3743MM-1000 Datasheet HTML 1Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 2Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 3Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 4Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 5Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 6Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 7Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 8Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC
-0.3V to 6V
SW to GND
-0.3V to 6V
Boot to GND
-0.3V to 12V
Boot to SW
-0.3V to 6V
SS/TRACK, ILIM,
COMP/EN,FB to GND
-0.3V to V
CC
Junction Temperature
150˚C
Storage Temperature
−65˚C to 150˚C
Soldering Information
Lead Temperature (soldering, 10sec)
260˚C
Infrared or Convection (20sec)
235˚C
ESD Rating (Note 3)
+ / – 2 kV
Operating Ratings
Supply Voltage Range, V
CC (Note 2)
3.0V to 5.5V
Junction Temperature Range (T
J)
−40˚C to +125˚C
Electrical Characteristics V
CC = 3.3V, COMP/EN floating unless otherwise indicated in the conditions col-
umn. Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of
-40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
V
FB
FB pin voltage in regulation
3.0V
≤ V
CC
≤ 5.5V
0.786
0.8
0.814
V
V
UVLO
UVLO thresholds
Input voltage rising
2.84
3.0
V
Input voltage falling
2.45
2.66
I
VCC
Operating V
CC current
f
SW = 300 kHz, LM3743-300
1.5
2.5
mA
Operating V
CC current
f
SW = 1 MHz, LM3743-1000
1.8
3.0
mA
Shutdown V
CC current
COMP/EN = 0V
6
50
µA
I
SS/TRACK
SS/TRACK pin source current
V
SS/TRACK =0V
8
10.2
12.5
µA
I
ILIM
ILIM pin source current
V
ILIM =0V
42.5
50
57.5
µA
V
ILIM
Current Limit Trip Level
–25
0
25
mV
I
COMP/EN
COMP/EN pin pull-up current
V
COMP/EN =0V
4
µA
V
HS-CLIM
High-side current limit threshold
Measured at V
CC pin with respect to
SW
500
mV
ERROR AMPLIFER
GBW
Error Amplifier Unity Gain Bandwidth
30
MHz
G
Error Amplifier DC Gain
90
dB
SR
Error Amplifier Slew Rate
6
V/ms
I
FB
FB pin Bias Current
10
200
nA
I
EAO
EAO pin sourcing/sinking current
capability
V
COMP/EN = 1.5, VFB = 0.75V
1.7
mA
V
COMP/EN = 1.5, VFB = 0.85V
-1
GATE DRIVE
I
SHDN-BOOT BOOT Pin Shutdown Current
V
BOOT-VSW = 3.3V, VCOMP/EN =0V
25
50
µA
R
HG-UP
High Side MOSFET Driver Pull-up ON
resistance
V
BOOT-VSW = 3.3V, IHGATE = 350mA
(sourcing)
1.6
R
HG-DN
High Side MOSFET Driver Pull-down ON
resistance
V
BOOT-VSW = 3.3V, IHGATE = 350mA
(sinking)
1
R
LG-UP
Low Side MOSFET Driver Pull-up ON
resistance
V
CC = 3.3V, ILGATE = 350mA
(sourcing)
1.6
R
LG-DN
Low Side MOSFET Driver Pull-down ON
resistance
V
CC = 3.3V, ILGATE = 350mA (sinking)
1
OSCILLATOR
f
SW
Oscillator Frequency
3.0V
≤ V
CC
≤ 5.5V, LM3743-300
255
300
345
kHz
3.0V
≤ V
CC
≤ 5.5V, LM3743-1000
850
1000
1150
D
MAX
Max Duty Cycle
f
SW = 300 kHz, LM3743-300
85
91
%
f
SW = 1 MHz, LM3743-1000
69
76
www.national.com
3


유사한 부품 번호 - LM3743MM-1000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3743MM-1000 NSC-LM3743MM-1000 Datasheet
602Kb / 28P
   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
Texas Instruments
LM3743MM-1000/NOPB TI-LM3743MM-1000/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
More results

유사한 설명 - LM3743MM-1000

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com