전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP0300 데이터시트(Datasheet) 1 Page - Chicago Miniature Lamp,inc

부품명 HLMP0300
상세내용  T-3/4 Sub Miniature LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CML [Chicago Miniature Lamp,inc]
홈페이지  http://www.cml-it.com
Logo 

   
 1 page
background image
D E S C R I P T I O N A N D F E A T U R E S
T-3/4 Sub Miniature LED Lamps
E L E C T R O - O P T I C A L C H A R A C T E R I S T I C S A N D R A T I N G S
These subminiature LED lamps are intended for high volume, low cost status indication on P.C. boards and for
backlighting switches and keyboard keys. The lamps are compatible with vapor phase reflow surface mount and
conventional soldering techniques.
3.0
5.0
2.5
5.0
90
135
100
565
30
1.5
3.0
2.3
20
Green
90
135
100
585
30
3.0
3.0
2.2
20
Yellow
Yellow
90
-55 to +100
135
100
585
30
1.5
3.0
2.2
20
Yellow
Yellow
HLMP0400
90
-55 to +100
135
100
635
30
2.5
3.0
2.1
20
Red
HLMP0301
HLMP0300
Diffused
PART NUMBER
Output Color
Package Color
Test Current (mA)
Forward Voltage Typ. (V)
Forward Voltage Max. (V)
Luminous Intensity Min. (mcd)
Luminous Intensity Typ. (mcd)
Peak Wavelength (nm)
Diffusion
H.E.Red
Red
20
2.1
3.0
1.0
2.5
30
635
100
135
-55 to +100
90
Diffused
Diffused
Diffused
Diffused
µ
5
5
5
5
5
Average Forward Current (mA)
Power Dissipation (mW)
Lead Solder Time @ 260 C
5
5
5
5
5
5.0
90
-55 to +100
135
100
565
30
2.5
3.0
2.3
20
Green
HLMP0504
Diffused
5
5
CATHODE(-)
R.038
.120
.042
.095±.015
.085±.005
R.038
15
.055±.005
.010±.001
.015
.020
.085±.005
.060
.025
.012±.003
.094
MIN (2x)
.250
.100
.016
.009
All dimensions in inches.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
FF120-0UR-005PMiniature Based LED Lamps 1 2 3 4 5 MoreLEDTRONICS, INC
MVL-544UYLT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5C4BST-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
HLMP-D101ADOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS 1 2 3 4 QT Optoelectronics
GL3PR43ø3mmT-1 CylinderThin Type Colored Transparency LED Lamps for Backlight 1 2 3 4 Sharp Electrionic Components
GL5PR47ø5mm T-1 3/4 Inverted Cone Type Colored Transparency LED Lamps for Backlight 1 2 3 4 Sharp Electrionic Components
GL8PR292.0X3.2mm Rectangle Type Colored Diffusion LED Lamps for Indicator 1 2 3 4 Sharp Electrionic Components
HLMP-810XT-13/4 5 mm High Performance TS AlGaAs Red LED Lamps 1 2 3 4 5 Agilent(Hewlett-Packard)
MT144A-RGAxial Leaded LED Lamps 1 Marktech Corporate
MT5491-RGT-1 3/4 Two Leaded Tri-State LED Lamps 1 Marktech Corporate

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl