전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP50-03 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BAP50-03
상세설명  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP50-03 데이터시트(HTML) 2 Page - NXP Semiconductors

  BAP50-03 Datasheet HTML 1Page - NXP Semiconductors BAP50-03 Datasheet HTML 2Page - NXP Semiconductors BAP50-03 Datasheet HTML 3Page - NXP Semiconductors BAP50-03 Datasheet HTML 4Page - NXP Semiconductors BAP50-03 Datasheet HTML 5Page - NXP Semiconductors BAP50-03 Datasheet HTML 6Page - NXP Semiconductors BAP50-03 Datasheet HTML 7Page - NXP Semiconductors BAP50-03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 10
2
Philips Semiconductors
Product specification
General purpose PIN diode
BAP50-03
FEATURES
• Low diode capacitance
• Low diode forward resistance.
APPLICATIONS
• General RF applications.
DESCRIPTION
General purpose PIN diode in a SOD323 small plastic
SMD package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline (SOD323) and symbol.
Marking code: A8.
handbook, halfpage
12
MAM406
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
50
V
IF
continuous forward current
50
mA
Ptot
total power dissipation
Ts =90 °C
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C


유사한 부품 번호 - BAP50-03

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
logo
Guangdong Kexin Industr...
BAP50-03 KEXIN-BAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP50-03 NXP-BAP50-03 Datasheet
58Kb / 7P
   General purpose PIN diode
Rev. 04-11 September 2009
logo
SeCoS Halbleitertechnol...
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
   Small Signal General Purpose PiN Diode
logo
Micro Commercial Compon...
BAP50-03 MCC-BAP50-03 Datasheet
377Kb / 3P
   General Purpose Pin Diodes 200mW
More results

유사한 설명 - BAP50-03

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com