부품명
         상세내용
2791C

 MODEM MAGNETICS V.90 Modem Transformer ( 2 Page)


BEL
100% 
Zoom Out Zoom In
   
 1 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
MODEM MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00
TM00405
T4-11
V.90 Modem Transformer
Provides isolation and balance while minimizing
signal distortion and insertion loss in high-speed
modem applications
Designed to match a 600
Ω line to a 374Ω load
with no direct current in the windings
Approved by UL and CSA
Minimum interwinding breakdown voltage of 1000 Vrms
Qualified per Bellcore TR-TSY-000357-1
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
TYPICAL SPICE TRANMISSION MODEL
107
2.8mH
114
6
4
20 pF
18H
20 pF
3
1
60 k
1
3
6
4
Primary
Secondary
t
r
a
P
r
e
b
m
u
N
o
i
t
a
R
s
n
r
u
T
%
2
±
n
o
i
t
r
e
s
n
I
s
s
o
L
B
d
s
s
o
L
n
r
u
t
e
R
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
B
d
R
C
D
x
a
m
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
B
d
l
a
n
i
d
u
t
i
g
n
o
L
e
c
n
a
l
a
B
B
d
z
H
k
1
@
z
H
0
0
5
3
-
z
H
0
0
3
z
H
k
4
-
z
H
0
0
2
i
r
P
c
e
S
,
m
B
d
0
1
-
z
H
0
0
6
z
H
0
0
5
3
-
z
H
0
0
3
C
1
9
7
21
:
1<
0
.
2> 5
2<
1
.
08
1
15
2
1<
4
8
-> 0
6
2791C
1  2 



관련 부품명

부품명상세내용Html View제조사
S574-1000-18MODEM MAGNETICS V.90 Modem Surface Mount Transformer 1 2 Bel Fuse Inc.
2811BMODEM MAGNETICS V.90 Modem Transformer 1 2 Bel Fuse Inc.
2786AMODEM MAGNETICS PCMCIA V.90 Transformers 1 2 Bel Fuse Inc.
2793AMODEM MAGNETICS European V.34 Modem Transformer 1 2 Bel Fuse Inc.
S554-5999-15CABLE MODEM MAGNETICS Wideband RF Transformer 1 2 Bel Fuse Inc.
2778AMODEM MAGNETICS Global V.90 and V.34 Transformers 1 2 Bel Fuse Inc.
2746BMODEM MAGNETICS Audio/Voice Frequency Transformer 1 2 Bel Fuse Inc.
2802AMODEM MAGNETICS V.90 Modem Transformers 1 2 Bel Fuse Inc.
2664GHIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer 1 2 Bel Fuse Inc.
2768AISDN MAGNETICS Dual S Interface Transformer 1 2 Bel Fuse Inc.

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl