|
| 2793A |
|
||
|
BEL |
|
1 page
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com MODEM MAGNETICS ©2000 Bel Fuse Inc. Specifications subject to change without notice. 05.00 TM00406 T4-13 European V.34 Modem Transformer • Provides isolation and very low harmonic distortion • Impedance matching for various countries can be achieved using the appropriate resistor and capacitor values • Qualified per Bellcore TR-TSY-000357-1 • Approved for use in applications requiring reinforced insulation • Approved by UL, CSA and BABT • Minimum interwinding breakdown voltage 3000 Vrms ELECTRICAL SPECIFICATIONS at 25° C SCHEMATIC TYPICAL SPICE TRANSMISSION MODEL 1 3 6 4 Primary Secondary t r a P r e b m u N o i t a R s n r u T % 2 ± n o i t r e s n I s s o L B d s s o L n r u t e R B d y c n e u q e r F e s n o p s e R B d R C D Ω Ω Ω Ω Ω x a m c i n o m r a H n o i t r o t s i D B d l a n i d u t i g n o L e c n a l a B B d z H k 1 @ z H 0 0 5 3 - z H 0 0 3 z H k 4 - z H 0 0 1 i r P c e S , m B d 0 1 - z H 0 0 6 z H 0 0 5 3 - z H 0 0 3 A 3 9 7 21 : 1< 0 . 2> 0 2< 2 . 15 1 15 1 1> 0 9> 0 6 65 k 24.5mH 94 10 pF 4 1 3 17 H 94 6 10 pF 2793A |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| 2811B | MODEM MAGNETICS V.90 Modem Transformer | 1 2 | Bel Fuse Inc. |
| 2796A | MODEM MAGNETICS PCMCIA V.34 Modem Transformers | 1 2 | Bel Fuse Inc. |
| S554-5999-15 | CABLE MODEM MAGNETICS Wideband RF Transformer | 1 2 | Bel Fuse Inc. |
| 2778A | MODEM MAGNETICS Global V.90 and V.34 Transformers | 1 2 | Bel Fuse Inc. |
| 2746B | MODEM MAGNETICS Audio/Voice Frequency Transformer | 1 2 | Bel Fuse Inc. |
| 2791C | MODEM MAGNETICS V.90 Modem Transformer | 1 2 | Bel Fuse Inc. |
| S574-1000-18 | MODEM MAGNETICS V.90 Modem Surface Mount Transformer | 1 2 | Bel Fuse Inc. |
| 2745AM2 | HIGH FREQUENCY MAGNETICS T3/E3/STS-1 Through Hole Transformer | 1 2 | Bel Fuse Inc. |
| 2776C | HDSL MAGNETICS Transformer | 1 2 | Bel Fuse Inc. |
| S553-6500-D4 | HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules | 1 2 | Bel Fuse Inc. |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |