부품명
         상세내용
S574-1000-06

 MODEM TRANSFORMER ( 1 Page)


BEL
100% 
Zoom Out Zoom In
   
 1 page
background image
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
defining a degree of excellence
Secondary
2
Primary
10
6
4
SCHEMATIC
0.063(1.60)
0.100(2.54)
0.050(1.3)
0.705(17.91)
SUGGESTED
PC
BOARD
LAYOUT
0.420
(10.67)
Max
0.669(17.0)
+/- 0.006(0.15)
10
6
S574-1000-06
0.550
(13.97)
Max
Pin 2
4
0.520(13.21)
Max
bel
MECHANICALS
S574-1000-06
Part
Number
Turns
Ratio
(+/- 2%)
1 : 1
1.50
Insertion
Loss (dB)
+/- 0.25dB
600
Pins
(6-10)
Return Loss
(dB) Min
DCR
(
Ω) +/- 10%
Pins
(2-4)
25
60
40
Longitudinal
Balance (dB) Min
200Hz to
1000Hz
1000Hz to
4000Hz
Insertion loss measured at 1kHz.
Reflected impedance, distortion, Longitudinal balance measured
with 442 ohms across the secondary.
Harmonic Distortion. The -82dB max is measured at 600Hz, -10dBm (V.34) ref.
DC Resistance is measured at 20oC.
Part
Number
300Hz to 3500Hz
Frequency
Response (dB)
+/- 0.25
S574-1000-06
-82
Reflected
Impedance
(ohms)
+/-5%
82.5
87.5
600Hz
Harmonic
Distortion
(dB) Max
300Hz to
4000Hz
Bel proudly introduces a new modem
transformer for data/fax modem applications
including V.34bis 28,800 bps applications.
Tape and Reel packaging available.
* 1250 Vrms isolation Voltage.
* Meets or exceeds requirements of:
CAN/CSA-C22.2 (1988) No. 225(M90),
and DOC's C3-03 (Issue 7): UL's
UL1950; 2nd edition; and FCC's
Part 68(58 FR 44907, Aug 25, 1993).
* Weight is 5.0 grams
TM0043
ELECTRICALS @ 25O C.
MODEM TRANSFORMER
S574-1000-06
Dimensions are in inches (mm).
Dimension tolerance +/- 0.01(0.25) unless otherwise stated.
T403
1 



관련 부품명

부품명상세내용Html View제조사
SAT-1311TRANSFORMER FOR ADSL MODEM 1 2 Micro Electronics
2791CMODEM MAGNETICS V.90 Modem Transformer 1 2 Bel Fuse Inc.
SAT-1312TRANSFORMER FOR ADSL MODEM 1 Micro Electronics
2793AMODEM MAGNETICS European V.34 Modem Transformer 1 2 Bel Fuse Inc.
0574-1000-05MODEM TRANSFORMER 1 Bel Fuse Inc.
SAT-1313TRANSFORMER FOR ADSL MODEM 1 Micro Electronics
S554-5999-15CABLE MODEM MAGNETICS Wideband RF Transformer 1 2 Bel Fuse Inc.
SAT-1316TRANSFORMER FOR ADSL MODEM 1 Micro Electronics
PCT-1616MODEM TRANSFORMER 1 2 List of Unclassifed Manufacturers
SCT-0811SMD MODEM TRANSFORMER 1 2 Micro Electronics

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl