전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2L-2409S-N 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM2L-2409S-N
상세설명  0.5 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2L-2409S-N 데이터시트(HTML) 2 Page - AIMTEC

  AM2L-2409S-N Datasheet HTML 1Page - AIMTEC AM2L-2409S-N Datasheet HTML 2Page - AIMTEC AM2L-2409S-N Datasheet HTML 3Page - AIMTEC AM2L-2409S-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/2L-N Series
MODELS
Single Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/2L-0303S-N
AM1/2L-0305S-N
AM1/2L-0309S-N
AM1/2L-0312S-N
AM1/2L-0315S-N
AM1/2L-0324S-N
AM1/2L-0503S-N
AM1/2L-0505S-N
AM1/2L-0509S-N
AM1/2L-0512S-N
AM1/2L-0515S-N
AM1/2L-0524S-N
AM1/2L-1203S-N
AM1/2L-1205S-N
AM1/2L-1209S-N
AM1/2L-1212S-N
AM1/2L-1215S-N
AM1/2L-1224S-N
AM1/2L-2403S-N
AM1/2L-2405S-N
AM1/2L-2409S-N
AM1/2L-2412S-N
AM1/2L-2415S-N
AM1/2L-2424S-N
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
152mA
100mA
55mA
40mA
33mA
20mA
152mA
100mA
55mA
40mA
33mA
20mA
152mA
100mA
55mA
40mA
33mA
20mA
152mA
100mA
55mA
40mA
33mA
20mA
Continued on next page
AM1/2L-0303SH30-N
AM1/2L-0305SH30-N
AM1/2L-0309SH30-N
AM1/2L-0312SH30-N
AM1/2L-0315SH30-N
AM1/2L-0324SH30-N
AM1/2L-0503SH30-N
AM1/2L-0505SH30-N
AM1/2L-0509SH30-N
AM1/2L-0512SH30-N
AM1/2L-0515SH30-N
AM1/2L-0524SH30-N
AM1/2L-1203SH30-N
AM1/2L-1205SH30-N
AM1/2L-1209SH30-N
AM1/2L-1212SH30-N
AM1/2L-1215SH30-N
AM1/2L-1224SH30-N
AM1/2L-2403SH30-N
AM1/2L-2405SH30-N
AM1/2L-2409SH30-N
AM1/2L-2412SH30-N
AM1/2L-2415SH30-N
AM1/2L-2424SH30-N
OUTLINE DIMENSIONS & PIN CONNECTIONS - SINGLE @ 1000VDC
Pin
Single Output
1
-V Input
2
+V Input
3
N.C.
4
-V Output
5
+V Output
6
N.C.
7
N.C.
8
N.C.


유사한 부품 번호 - AM2L-2409S-N

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2L-2405SH60-NZ AIMTEC-AM2L-2405SH60-NZ Datasheet
336Kb / 5P
   2 Watt | DC-DC Converter
AM2L-2405SH60-NZ AIMTEC-AM2L-2405SH60-NZ Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
More results

유사한 설명 - AM2L-2409S-N

제조업체부품명데이터시트상세설명
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com