전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM5TW-4812D 데이터시트(PDF) 2 Page - AIMTEC

부품명 AM5TW-4812D
상세설명  5 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-4812D 데이터시트(HTML) 2 Page - AIMTEC

  AM5TW-4812D Datasheet HTML 1Page - AIMTEC AM5TW-4812D Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
62
TO ORDER CALL 1-888-9-AIMTEC
AM5TW Series
MODELS
Single output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM5TW-2403S
AM5TW-2403SH35
3.3VDC
1200mA
AM5TW-2405S
AM5TW-2405SH35
5VDC
1000mA
AM5TW-2407S
AM5TW-2407SH35
7.2VDC
694mA
AM5TW-2409S
AM5TW-2409SH35
9VDC - 36VDC
9VDC
556mA
AM5TW-2412S
AM5TW-2412SH35
12VDC
417mA
AM5TW-2415S
AM5TW-2415SH35
15VDC
333mA
AM5TW-2418S
AM5TW-2418SH35
18VDC
278mA
AM5TW-2424S
AM5TW-2424SH35
24VDC
208mA
AM5TW-4803S
AM5TW-4803SH35
3.3VDC
1200mA
AM5TW-4805S
AM5TW-4805SH35
5VDC
1000mA
AM5TW-4807S
AM5TW-4807SH35
7.2VDC
694mA
AM5TW-4809S
AM5TW-4809SH35
18VDC - 72VDC
9VDC
556mA
AM5TW-4812S
AM5TW-4812SH35
12VDC
417mA
AM5TW-4815S
AM5TW-4815SH35
15VDC
333mA
AM5TW-4818S
AM5TW-4818SH35
18VDC
278mA
AM5TW-4824S
AM5TW-4824SH35
24VDC
208mA
Dual output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM5TW-2403D
AM5TW-2403DH35
±3.3VDC
±600mA
AM5TW-2405D
AM5TW-2405DH35
±5VDC
±500mA
AM5TW-2407D
AM5TW-2407DH35
±7.2VDC
±347mA
AM5TW-2409D
AM5TW-2409DH35
9VDC - 36VDC
±9VDC
±278mA
AM5TW-2412D
AM5TW-2412DH35
±12VDC
±209mA
AM5TW-2415D
AM5TW-2415DH35
±15VDC
±167mA
AM5TW-2418D
AM5TW-2418DH35
±18VDC
±139mA
AM5TW-2424D
AM5TW-2424DH35
±24VDC
±104mA
AM5TW-4803D
AM5TW-4803DH35
±3.3VDC
±600mA
AM5TW-4805D
AM5TW-4805DH35
±5VDC
±500mA
AM5TW-4807D
AM5TW-4807DH35
±7.2VDC
±347mA
AM5TW-4809D
AM5TW-4809DH35
18VDC - 72VDC
±9VDC
±278mA
AM5TW-4812D
AM5TW-4812DH35
±12VDC
±209mA
AM5TW-4815D
AM5TW-4815DH35
±15VDC
±167mA
AM5TW-4818D
AM5TW-4818DH35
±18VDC
±139mA
AM5TW-4824D
AM5TW-4824DH35
±24VDC
±104mA


유사한 부품 번호 - AM5TW-4812D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AM5TW-4812D ETC-AM5TW-4812D Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-4812D-N AIMTEC-AM5TW-4812D-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
AM5TW-4812D-RVZ AIMTEC-AM5TW-4812D-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-4812D-RVZ AIMTEC-AM5TW-4812D-RVZ Datasheet
248Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-4812D-RZ AIMTEC-AM5TW-4812D-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
More results

유사한 설명 - AM5TW-4812D

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com