전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM10E-1205D 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM10E-1205D
상세설명  10 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-1205D 데이터시트(HTML) 3 Page - AIMTEC

  AM10E-1205D Datasheet HTML 1Page - AIMTEC AM10E-1205D Datasheet HTML 2Page - AIMTEC AM10E-1205D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM10E Series
Input Voltage
Ouput Voltage
Ouput Current max.
AM10E-1203D
AM10E-1205D
AM10E-1207D
AM10E-1209D
AM10E-1212D
AM10E-1215D
AM10E-1218D
AM10E-1224D
AM10E-2403D
AM10E-2405D
AM10E-2407D
AM10E-2409D
AM10E-2412D
AM10E-2415D
AM10E-2418D
AM10E-2424D
AM10E-4803D
AM10E-4805D
AM10E-4807D
AM10E-4809D
AM10E-4812D
AM10E-4815D
AM10E-4818D
AM10E-4824D
9 - 18VDC
18 - 36VDC
36 - 72VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±1250mA
±1000mA
±690mA
±555mA
±416mA
±333mA
±270mA
±208mA
±1250mA
±1000mA
±690mA
±555mA
±416mA
±333mA
±270mA
±208mA
±1250mA
±1000mA
±690mA
±555mA
±416mA
±333mA
±270mA
±208mA
Models
MODELS
Dual output


유사한 부품 번호 - AM10E-1205D

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM10E-1205DZ AIMTEC-AM10E-1205DZ Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
More results

유사한 설명 - AM10E-1205D

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E-C AIMTEC-AM10E-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
   10 WATT DC-DC CONVERTERS
logo
Power-One
IML10 POWER-ONE-IML10 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com