전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC636-10 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BC636-10
상세설명  PNP medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC636-10 데이터시트(HTML) 5 Page - NXP Semiconductors

  BC636-10 Datasheet HTML 1Page - NXP Semiconductors BC636-10 Datasheet HTML 2Page - NXP Semiconductors BC636-10 Datasheet HTML 3Page - NXP Semiconductors BC636-10 Datasheet HTML 4Page - NXP Semiconductors BC636-10 Datasheet HTML 5Page - NXP Semiconductors BC636-10 Datasheet HTML 6Page - NXP Semiconductors BC636-10 Datasheet HTML 7Page - NXP Semiconductors BC636-10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Apr 23
5
Philips Semiconductors
Product specification
PNP medium power transistors
BC636; BC638; BC640
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


유사한 부품 번호 - BC636-10

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BC636-10 MCC-BC636-10 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
BC636-10 MCC-BC636-10 Datasheet
407Kb / 2P
   PNP Epitaxial Silicon Transistors
BC636-10 MCC-BC636-10_13 Datasheet
407Kb / 2P
   PNP Epitaxial Silicon Transistors
More results

유사한 설명 - BC636-10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com