전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT16-000F4 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 CAT16-000F4
상세설명  Chip Resistor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT16-000F4 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  CAT16-000F4 Datasheet HTML 1Page - Bourns Electronic Solutions CAT16-000F4 Datasheet HTML 2Page - Bourns Electronic Solutions CAT16-000F4 Datasheet HTML 3Page - Bourns Electronic Solutions CAT16-000F4 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Cleaning
A recommended cleaning method is shown in the following table.
Component Placement
a. Reduce the mechanical stress to a minimum during and after placing of the unit in order not to damage the terminals and
protective coating.
b. Misplacement of components may cause solder bridges.
Soldering
a. Reflow soldering: Recommendation is shown in the following chart.
b. Wave soldering: Recommendation according to IEC standards.
c. Hand soldering: Don’t touch the protective coating of the part. Solder within 3 seconds when the temperature is over 280 ºC.
Cleaning Condition
Solvents
Dipping
Ultrasonic Wave Washing
1 minute maximum
Isopropyl alcohol
5 minutes maximum
Power: 20 W/L
Frequency: 10 to 100 kHz
250
200
150
100
50
0
Preheating
Soldering
Gradual Cooling
60 sec. min.
10-30 sec.
120 sec. min.
Chip Resistor Arrays - Application Note


유사한 부품 번호 - CAT16-000F4

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CAT16-000F4LF BOURNS-CAT16-000F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-000F4LF BOURNS-CAT16-000F4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-000F4LF BOURNS-CAT16-000F4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-000F4LF BOURNS-CAT16-000F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-000F4LF BOURNS-CAT16-000F4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results

유사한 설명 - CAT16-000F4

제조업체부품명데이터시트상세설명
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com