전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1611 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADP1611
상세설명  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1611 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADP1611 Datasheet HTML 6Page - Analog Devices ADP1611 Datasheet HTML 7Page - Analog Devices ADP1611 Datasheet HTML 8Page - Analog Devices ADP1611 Datasheet HTML 9Page - Analog Devices ADP1611 Datasheet HTML 10Page - Analog Devices ADP1611 Datasheet HTML 11Page - Analog Devices ADP1611 Datasheet HTML 12Page - Analog Devices ADP1611 Datasheet HTML 13Page - Analog Devices ADP1611 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP1611
Rev. 0 | Page 10 of 20
THEORY OF OPERATION
The ADP1611 current-mode step-up switching converter
converts a 2.5 V to 5.5 V input voltage up to an output voltage
as high as 20 V. The 1.2 A internal switch allows a high output
current, and the high 1.2 MHz switching frequency allows tiny
external components. The switch current is monitored on a
pulse-by-pulse basis to limit it to 2 A.
CURRENT-MODE PWM OPERATION
The ADP1611 uses current-mode architecture to regulate the
output voltage. The output voltage is monitored at FB through a
resistive voltage divider. The voltage at FB is compared to the
internal 1.23 V reference by the internal transconductance error
amplifier to create an error current at COMP. A series resistor-
capacitor at COMP converts the error current to a voltage.
The switch current is internally measured and added to the
stabilizing ramp, and the resulting sum is compared to the error
voltage at COMP to control the PWM modulator. This current-
mode regulation system allows fast transient response, while
maintaining a stable output voltage. By selecting the proper
resistor-capacitor network from COMP to GND, the regulator
response is optimized for a wide range of input voltages, output
voltages, and load conditions.
FREQUENCY SELECTION
The ADP1611 frequency is user-selectable and operates at
either 700 kHz to optimize the regulator for high efficiency
or at 1.2 MHz for small external components. Connect RT to
IN for 1.2 MHz operation, or connect RT to GND for 700 kHz
operation. To achieve the maximum duty cycle, which might
be required for converting a low input voltage to a high output
voltage, use the lower 700 kHz switching frequency.
SOFT START
To prevent input inrush current at startup, connect a capacitor
from SS to GND to set the soft-start period. When the device is
in shutdown (SD is at GND) or the input voltage is below the
2.4 V undervoltage lockout voltage, SS is internally shorted to
GND to discharge the soft start capacitor. Once the ADP1611 is
turned on, SS sources 3 µA to the soft-start capacitor at startup.
As the soft-start capacitor charges, it limits the voltage at
COMP. Because of the current-mode regulator, the voltage at
COMP is proportional to the switch peak current, and,
therefore, the input current. By slowly charging the soft-start
capacitor, the input current ramps slowly to prevent it from
overshooting excessively at startup.
ON/OFF CONTROL
The SD input turns the ADP1611 regulator on or off. Drive SD
low to turn off the regulator and reduce the input current to
10 nA. Drive SD high to turn on the regulator.
When the step-up dc-to-dc switching converter is turned off,
there is a dc path from the input to the output through the
inductor and output rectifier. This causes the output voltage to
remain slightly below the input voltage by the forward voltage
of the rectifier, preventing the output voltage from dropping to
0 when the regulator is shut down. Figure 28 shows the applica-
tion circuit to disconnect the output voltage from the input
voltage at shutdown.
SETTING THE OUTPUT VOLTAGE
The ADP1611 features an adjustable output voltage range of VIN
to 20 V. The output voltage is set by the resistive voltage divider
(R1 and R2 in Figure 2) from the output voltage (VOUT) to the
1.230 V feedback input at FB. Use the following formula to
determine the output voltage:
VOUT = 1.23 × (1 + R1/R2)
(1)
Use an R2 resistance of 10 kΩ or less to prevent output voltage
errors due to the 10 nA FB input bias current. Choose R1 based
on the following formula:
R1 = R2 ×
23
.
1
23
.
1
OUT
V
(2)
INDUCTOR SELECTION
The inductor is an essential part of the step-up switching
converter. It stores energy during the on time, and transfers that
energy to the output through the output rectifier during the off
time. Use inductance in the range of 1 µH to 22 µH. In general,
lower inductance values have higher saturation current and
lower series resistance for a given physical size. However, lower
inductance results in higher peak current that can lead to
reduced efficiency and greater input and/or output ripple and
noise. Peak-to-peak inductor ripple current at close to 30% of
the maximum dc input current typically yields an optimal
compromise.
For determining the inductor ripple current, the input (VIN) and
output (VOUT) voltages determine the switch duty cycle (D) by
the following equation:
D =
OUT
IN
OUT
V
V
V
(3)


유사한 부품 번호 - ADP1611

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1611 AD-ADP1611 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
More results

유사한 설명 - ADP1611

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
logo
Texas Instruments
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com