전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8769 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8769
상세설명  12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8769 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8769 Datasheet HTML 1Page - NXP Semiconductors TDA8769 Datasheet HTML 2Page - NXP Semiconductors TDA8769 Datasheet HTML 3Page - NXP Semiconductors TDA8769 Datasheet HTML 4Page - NXP Semiconductors TDA8769 Datasheet HTML 5Page - NXP Semiconductors TDA8769 Datasheet HTML 6Page - NXP Semiconductors TDA8769 Datasheet HTML 7Page - NXP Semiconductors TDA8769 Datasheet HTML 8Page - NXP Semiconductors TDA8769 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2003 Dec 09
5
Philips Semiconductors
Objective specification
12-bit, 60/80/105 Msps Analog-to-Digital Converter
(ADC) Nyquist/high IF sampling
TDA8769
Note
1. P = power supply, G = ground, I = input and O = output.
DGND2
18
G
digital ground 2
OTC
19
I
control input two’s complement output (active HIGH)
CEN
20
I
chip enable input (CMOS level; active LOW)
n.c.
21
not connected
IR
22
O
in-range output
D11
23
O
data output bit 11 (MSB)
D10
24
O
data output bit 10
D9
25
O
data output bit 9
D8
26
O
data output bit 8
D7
27
O
data output bit 7
D6
28
O
data output bit 6
D5
29
O
data output bit 5
D4
30
O
data output bit 4
D3
31
O
data output bit 3
D2
32
O
data output bit 2
D1
33
O
data output bit 1
D0
34
O
data output bit 0 (LSB)
VCCO
35
P
supply voltage of data output (3.3 V)
CCS
36
O
complete conversion signal output
OGND
37
G
ground of data output
CLKN
38
I
complementary clock input
CLK
39
I
clock input
VCCD1
40
P
digital supply voltage 1 (5.0 V)
DGND1
41
G
digital ground 1
TH
42
I
track-and-hold enable input (CMOS level; active HIGH)
AGND4
43
G
analog ground 4
VCCA4
44
P
analog supply voltage 4 (5.0 V)
n.c.
45
not connected
IN
46
I
analog input voltage
INN
47
I
complementary analog input voltage
AGND1
48
G
analog ground 1
AGND5
exposed
die pad
G
analog ground 5
SYMBOL
PIN
TYPE(1)
DESCRIPTION


유사한 부품 번호 - TDA8769

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K PHILIPS-TDA8760K Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/2 PHILIPS-TDA8760K/2 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/4 PHILIPS-TDA8760K/4 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
More results

유사한 설명 - TDA8769

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
Texas Instruments
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com