전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3166 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 TS5A3166
상세설명  0.9-OHM SPST ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

TS5A3166 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button TS5A3166 Datasheet HTML 7Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 8Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 9Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 10Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 11Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 12Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 13Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 14Page - National Semiconductor (TI) TS5A3166 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
11
TYPICAL PERFORMANCE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM (V)
V+ = 1.8 V
Figure 1. ron vs VCOM (TA = 25°C)
V+ = 2.5 V
V+ = 3.3 V
V+ = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCOM (V)
TA = 85_C
Figure 2. ron vs VCOM (V+ = 3 V)
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCOM (V)
TA = 85_C
Figure 3. ron vs VCOM (V+ = 5 V)
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
−60
−40
−20
0
20
40
60
80
100
TA (°C)
Figure 4. Leakage Current vs Temperature
(V+ = 5.5 V)
INO/NC(OFF)
INO/NC(ON)
ICOM(ON)
ICOM(OFF)
Bias Voltage (V)
Figure 5. Charge Injection (QC) vs Bias Voltage
−0.5
−1
0
0.5
1
1.5
2
0.5
1
0
1.5 2
3.5
2.5
3
4
4.5
5
5.5
V+ = 3.3 V
V+ = 5 V
tOFF
0
2
4
6
8
10
12
14
012
345
6
V+ (V)
Figure 6. tON and tOFF vs V+
tON


유사한 부품 번호 - TS5A3166

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3166 TI-TS5A3166 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A3166-Q1 TI-TS5A3166-Q1 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A3166DBVR TI-TS5A3166DBVR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
More results

유사한 설명 - TS5A3166

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com