전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC9201 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TPIC9201
상세설명  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC9201 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPIC9201 Datasheet HTML 6Page - Texas Instruments TPIC9201 Datasheet HTML 7Page - Texas Instruments TPIC9201 Datasheet HTML 8Page - Texas Instruments TPIC9201 Datasheet HTML 9Page - Texas Instruments TPIC9201 Datasheet HTML 10Page - Texas Instruments TPIC9201 Datasheet HTML 11Page - Texas Instruments TPIC9201 Datasheet HTML 12Page - Texas Instruments TPIC9201 Datasheet HTML 13Page - Texas Instruments TPIC9201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
TPIC9201
MCU/DSP
MOSI
SCLK
NCS
ZVS
RST
5V
±5%at200mA
OUT
EN1
ResetDelay
BuzzerDriver
RelayDriver
RelayDriver
RelayDriver
RelayDriver
FanDriver
FanDriver
FanDriver
8Outputs
SYN(ACZero-Cross
DetectInput)
DCInput7Vto18V
GND( 2)
´
Filters
AC
Water
Supply
Valve
Water
Outlet
Softener
Supply
Driver
SYN
ZVS
5V
OUT
RST
Power
Switch
M
Zero-Cross
Detection
Cover
Switch
Temperature
Sensor
(Optional)
Optical
Sensor
Water-Level
Sensor
Volume
Sensor
Keypad
Display
(LED/LCD/VFD)
Controller
Regulator
POR/SYS
TPIC9201
+
-
~
~
LED LED
V
IN
TPIC9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS115B – APRIL 2005 – REVISED JUNE 2006
Figure 2. Typical Application
Figure 3. Washing-Machine Application
10
Submit Documentation Feedback


유사한 부품 번호 - TPIC9201

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC9201 TI-TPIC9201 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
TPIC9201N TI-TPIC9201N Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201NE4 TI-TPIC9201NE4 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201PWP TI-TPIC9201PWP Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

유사한 설명 - TPIC9201

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com