전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AD8251 데이터시트(Datasheet) 5 Page - Analog Devices

부품명 AD8251
상세내용  12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

   
 5 page
background image
Preliminary Technical Data
AD8251
Rev. PrB| Page 5 of 8
AD8251ARM
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT
RL = 10 k
Ω,
Output Swing
VS =
±5 V to ±12 V
–Vs +
1.5
+Vs –
1.5
V
Over Temperature
T = -40
°C to +85°C
V
Short Circuit Current
20
mA
REFERENCE INPUT
RIN
20
k
Ω
IIN
VIN+, VIN–, VREF = 0
μA
Voltage Range
–Vs
+Vs
V
Gain to Output
V/V
Digital Logic Inputs
V
Digital Ground Voltage, DGND
V
Digital Input Voltage Low
Referenced to DGND
1
V
Digital Input Voltage High
Referenced to DGND
4
V
Digital Input Leakage Current
pA
Gain Switching Time
ns
TSU
ns
THD
ns
TWR_LO
ns
TWR_HI
ns
POWER SUPPLY
Operating Range3
±5
±12
Quiescent Current
3.5
mA
Over Temperature
T = -40
°C to +85°C
mA
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
TIMING DIAGRAM
tWR-LO
tWR-HI
tSU
tHD
WR
A0, A1
Figure 2.Timing Diagram




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HFA1113_05850MHz Low Distortion Output Limiting Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
AD628_06High Common-Mode Voltage Programmable Gain Difference Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8231_07Zero Drift Digital Programmable Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
BGY588C550 MHz 34.5 dB gain push-pull amplifier 1 2 3 4 5 MoreNXP Semiconductors
TSM104WQUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE 1 2 3 4 5 MoreTexas Instruments
SY88343BL3.3V 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal 1 2 3 4 5 MoreMicrel Semiconductor
HA-2505_0312MHz High Input Impedance Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HA-2600_0612MHz High Input Impedance Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
TPA0212_07STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6017A2_072-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl