전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD137-16 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BD137-16
상세설명  NPN power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD137-16 데이터시트(HTML) 4 Page - NXP Semiconductors

  BD137-16 Datasheet HTML 1Page - NXP Semiconductors BD137-16 Datasheet HTML 2Page - NXP Semiconductors BD137-16 Datasheet HTML 3Page - NXP Semiconductors BD137-16 Datasheet HTML 4Page - NXP Semiconductors BD137-16 Datasheet HTML 5Page - NXP Semiconductors BD137-16 Datasheet HTML 6Page - NXP Semiconductors BD137-16 Datasheet HTML 7Page - NXP Semiconductors BD137-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 12
4
Philips Semiconductors
Product specification
NPN power transistors
BD135; BD137; BD139
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
160
80
120
40
MBH729
10−1
hFE
1
IC (mA)
10
103
102
VCE = 2 V


유사한 부품 번호 - BD137-16

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BD137-16 SECOS-BD137-16 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
BD137-16 MCC-BD137-16 Datasheet
390Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
More results

유사한 설명 - BD137-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com