전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD138-16 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BD138-16
상세설명  PNP power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD138-16 데이터시트(HTML) 3 Page - NXP Semiconductors

  BD138-16 Datasheet HTML 1Page - NXP Semiconductors BD138-16 Datasheet HTML 2Page - NXP Semiconductors BD138-16 Datasheet HTML 3Page - NXP Semiconductors BD138-16 Datasheet HTML 4Page - NXP Semiconductors BD138-16 Datasheet HTML 5Page - NXP Semiconductors BD138-16 Datasheet HTML 6Page - NXP Semiconductors BD138-16 Datasheet HTML 7Page - NXP Semiconductors BD138-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
PNP power transistors
BD136; BD138; BD140
THERMAL CHARACTERISTICS
Note
1. Refer to TO-126 (SOT32) standard mounting conditions.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
Rth j-mb
thermal resistance from junction to mounting base
10
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−−100 nA
IE = 0; VCB = −30 V; Tj = 125 °C
−−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−100 nA
hFE
DC current gain
VCE = −2 V; (see Fig.2)
IC = −5mA
40
−−
IC = −150 mA
63
250
IC = −500 mA
25
−−
DC current gain
IC = −150 mA; VCE = −2V;
(see Fig.2)
BD136-10; BD138-10; BD140-10
63
160
BD136-16; BD138-16; BD140-16
100
250
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−−−0.5
V
VBE
base-emitter voltage
IC = −500 mA; VCE = −2V
−−−1V
fT
transition frequency
IC = −50 mA; VCE = −5V;
f = 100 MHz
160
MHz
DC current gain ratio of the
complementary pairs
I
C = 150 mA; VCE =2V
1.3
1.6
h
FE1
h
FE2
-----------


유사한 부품 번호 - BD138-16

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BD138-16 SECOS-BD138-16 Datasheet
85Kb / 2P
   PNP General Purpose Transistor
BD138-16 SECOS-BD138-16 Datasheet
85Kb / 2P
   PNP General Purpose Transistor
logo
Micro Commercial Compon...
BD138-16 MCC-BD138-16 Datasheet
317Kb / 3P
   Power Transistors PnP Silicon Volts
More results

유사한 설명 - BD138-16

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HBD136 HSMC-HBD136 Datasheet
36Kb / 3P
   PNP POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
D41E NJSEMI-D41E Datasheet
764Kb / 2P
   PNP POWER TRANSISTORS
logo
NXP Semiconductors
BD227 PHILIPS-BD227 Datasheet
73Kb / 8P
   PNP power transistors
1997 Mar 04
logo
New Jersey Semi-Conduct...
D41D NJSEMI-D41D Datasheet
772Kb / 2P
   PNP POWER TRANSISTORS
2N5404 NJSEMI-2N5404 Datasheet
133Kb / 2P
   PNP POWER TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
2SA2310 FUTUREWAFER-2SA2310 Datasheet
1Mb / 7P
   PNP Power Transistors
23-Jul-2021 V 2.0
logo
New Jersey Semi-Conduct...
2N4902 NJSEMI-2N4902 Datasheet
157Kb / 1P
   PNP POWER TRANSISTORS
logo
Hi-Sincerity Mocroelect...
HBD140 HSMC-HBD140 Datasheet
36Kb / 3P
   PNP POWER TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
2SA8410 FUTUREWAFER-2SA8410 Datasheet
806Kb / 6P
   PNP Power Transistors
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com