전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6382DTR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6382DTR
상세설명  Power management unit for microcontrolled ballast
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382DTR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6382DTR Datasheet HTML 2Page - STMicroelectronics L6382DTR Datasheet HTML 3Page - STMicroelectronics L6382DTR Datasheet HTML 4Page - STMicroelectronics L6382DTR Datasheet HTML 5Page - STMicroelectronics L6382DTR Datasheet HTML 6Page - STMicroelectronics L6382DTR Datasheet HTML 7Page - STMicroelectronics L6382DTR Datasheet HTML 8Page - STMicroelectronics L6382DTR Datasheet HTML 9Page - STMicroelectronics L6382DTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
L6382D
6/14
Symbol
Pin
Parameter
Test condition
min.
typ
max
UNIT
Source Current
Capability
LSG
120
mA
HEG
70
PFG
250
TRISE
5, 9, 17
Rise time
Cload = 1nF
TBD
ns
TFALL
5, 9, 17
Fall time
Cload = 1nF
TBD
ns
TDELAY
Propagation delay (input
to output)
LSG; high to low and low to
high
300
ns
HEG; high to low and low to
high
200
ns
PFG; high to low
250
ns
PFG; low to high
200
ns
RB
Pull down Resistor
LSG
20
K
HEG
50
K
PFG
10
K
HSG DRIVER (VOLTAGES REFERRED TO OUT)
VOH(HS)
12
HIGH Output Voltage
IHSG = 10 mA
VOUT -
0.5
V
VOL(HS)
12
LOW Output Voltage
IHSG = 10 mA
0.5
V
12
Sink Current Capability
120
mA
12
Source Current
Capability
120
mA
TRISE
12
Rise time
Cload = 1nF
TBD
ns
TFALL
12
Fall time
Cload = 1nF
TBD
ns
TDELAY
12
Propagation delay (LGI to
LSG)
high to low and low to high
300
ns
RB
12
Pull down Resistor
to OUT
20
K
HIGH-SIDE FLOATING GATE-DRIVER SUPPLY
ILKBOOT
11
VBOOT
pin
leakage
current
VBOOT = 580V
5
µA
ILKOUT
13
OUT pin leakage current
VOUT = 562V
5
µA
RDS(on)
Synchronous bootstrap
diode on-resistance
VLVG = HIGH
100
Forward Voltage Drop
at 10 mA forward current
1.9
2.4
V
Forward Current
at 5V forward voltage drop
25
mA
Table 5. Electrical Characteristcs (continued)
Table 5. Electrical Characteristcs (continued)


유사한 부품 번호 - L6382DTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
More results

유사한 설명 - L6382DTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D5 STMICROELECTRONICS-L6382D5 Datasheet
263Kb / 21P
   Power management unit for microcontrolled ballast
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
   ST7LITE0xxx MICROCONTROLLED BALLAST
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com