전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1100WR 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 BF1100WR
상세설명  Dual-gate MOS-FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1100WR 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button BF1100WR Datasheet HTML 5Page - NXP Semiconductors BF1100WR Datasheet HTML 6Page - NXP Semiconductors BF1100WR Datasheet HTML 7Page - NXP Semiconductors BF1100WR Datasheet HTML 8Page - NXP Semiconductors BF1100WR Datasheet HTML 9Page - NXP Semiconductors BF1100WR Datasheet HTML 10Page - NXP Semiconductors BF1100WR Datasheet HTML 11Page - NXP Semiconductors BF1100WR Datasheet HTML 12Page - NXP Semiconductors BF1100WR Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1995 Apr 25
9
Philips Semiconductors
Product specification
Dual-gate MOS-FET
BF1100WR
Fig.18 Input admittance as a function of
frequency; typical values.
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLD181
102
10
10 1
10 2
10
1
y is
(mS)
f (MHz)
b is
g is
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
Fig.19 Reverse transfer admittance and phase as
a function of frequency; typical values.
10 3
MLD182
102
10
10 3
10 2
10
1
y rs
10 3
10
10
1
2
rs
(
µS)
f (MHz)
rs
yrs
(deg)
ϕ
ϕ
Fig.20 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
10 3
MLD183
102
10
1
10 2
10
1
10
10
2
y fs
(mS)
y fs
f (MHz)
fs
fs
(deg)
ϕ
ϕ
Fig.21 Output admittance as a function of
frequency; typical values.
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLD184
102
10
10 1
10
1
10 2
yos
(mS)
f (MHz)
bos
gos


유사한 부품 번호 - BF1100WR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

유사한 설명 - BF1100WR

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com