전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1109 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BF1109
상세설명  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1109 데이터시트(HTML) 5 Page - NXP Semiconductors

  BF1109 Datasheet HTML 1Page - NXP Semiconductors BF1109 Datasheet HTML 2Page - NXP Semiconductors BF1109 Datasheet HTML 3Page - NXP Semiconductors BF1109 Datasheet HTML 4Page - NXP Semiconductors BF1109 Datasheet HTML 5Page - NXP Semiconductors BF1109 Datasheet HTML 6Page - NXP Semiconductors BF1109 Datasheet HTML 7Page - NXP Semiconductors BF1109 Datasheet HTML 8Page - NXP Semiconductors BF1109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 Dec 08
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Fig.5 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
010
25
0
5
10
15
20
24
6
8
MDA613
ID
(mA)
VDS (V)
VG1 = 1.6 V
1.3 V
1.2 V
1.1 V
1.5 V
1.4 V
1 V
Fig.6 Transfer characteristics; typical values.
VDS =9V.
Tj =25 °C.
handbook, halfpage
0
40
20
30
10
0
0.5
2.5
MDA614
1
1.5
2
VG1 (V)
ID
(mA)
2 V
1 V
VG2-S = 4 V
3.5 V
2.5 V
1.5 V
3 V
Fig.7
Forward transfer admittance as a function
of drain current; typical values.
VDS =9V.
Tj =25 °C.
handbook, halfpage
0
102030
40
30
10
0
20
MDA615
ID (mA)
yfs
(mS)
3.5 V
3 V
2.5 V
2 V
VG2-S = 4 V
Fig.8
Drain current as a function of gate 2
voltage; typical values.
(1) VDS =9V.
(2) VDS =7V.
(3) VDS =5V.
(4) VDS =3V.
handbook, halfpage
0
16
8
12
4
0
15
MDA616
23
4
ID
(mA)
VG2-S (V)
(1)
(4)
(3)
(2)


유사한 부품 번호 - BF1109

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1109 NXP-BF1109 Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109R NXP-BF1109R Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results

유사한 설명 - BF1109

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com