전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54417 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54417
상세설명  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54417 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54417 Datasheet HTML 1Page - Intersil Corporation ISL54417 Datasheet HTML 2Page - Intersil Corporation ISL54417 Datasheet HTML 3Page - Intersil Corporation ISL54417 Datasheet HTML 4Page - Intersil Corporation ISL54417 Datasheet HTML 5Page - Intersil Corporation ISL54417 Datasheet HTML 6Page - Intersil Corporation ISL54417 Datasheet HTML 7Page - Intersil Corporation ISL54417 Datasheet HTML 8Page - Intersil Corporation ISL54417 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6318.1
June 27, 2006
Truth Table
ISL54417
IN
NCx
NOx
0ON
OFF
1OFF
ON
Logic “0”
≤0.5V. Logic “1” ≥1.4V, with VDD between 2.7V and 3.6V
Truth Table
ISL54416
VBUS
NCx
NOx
0ON
OFF
1OFF
ON
Logic “0” when
≤V
DD + 0.2V, Logic “1” when ≥VDD + 0.8V
Truth Table
ISL54415
VDD
VBUS
NCx
NOx
VTERM
0
0
ON
OFF
Open
0
1
OFF
ON
Open
1
0
ON
OFF
Open
1
1
OFF
ON
3.0V to 4.0V
VDD: Logic “0” when <2.4V, Logic “1” when ≥2.5V
VBUS: Logic “0” when ≤VDD + 0.2V, Logic “1” when ≥VDD + 0.8V
Pin Descriptions
ISL54415
ISL54416
ISL54417
NO.
NAME
FUNCTION
NAME
FUNCTION
NAME
FUNCTION
1VDD
Power Supply (Audio/Video
Switches) Control Input for
VTERM
VDD
Power Supply (Audio/Video
Switches)
VDD
System Power Supply Input
2VBUS
Digital Control Input
Power Supply (USB Switches)
VBUS
Digital Control Input
Power Supply (USB Switches)
IN2
Digital Control Input
3
COM1
Voice/Video and USB Common
Pin
COM1
Voice/Video and USB Common
Pin
COM1
Voice/Video and Data Common
Pin
4
COM2
Voice/Video and USB Common
Pin
COM2
Voice/Video and USB Common
Pin
COM2
Voice/Video and Data Common
Pin
5
GND
Ground Connection
GND
Ground Connection
GND
Ground Connection
6
NC2
Audio or Video Input
NC2
Audio or Video Input
NC2
Audio or Video Input
7
NC1
Audio or Video Input
NC1
Audio or Video Input
NC1
Audio or Video Input
8
NO2
USB Differential Input
NO2
USB Differential Input
NO2
Data Differential Input
9
NO1
USB Differential Input
NO1
USB Differential Input
NO1
Data Differential Input
10
VTERM
USB VTERM Voltage, Outputs
3.3V to 4.0V when VBUS = 4.4V
to 5.25V and VDD = logic “1” and
connected to Upstream USB
Termination.
N.C.
No Connect
IN1
Digital Control Input
Ordering Information
PART NUMBER
(Note)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL54415IRUZ-T
FD
-40 to 85
10 Ld 2.1 x 1.6mm
μTQFN Tape and Reel
L10.2.1x1.6A
ISL54416IRUZ-T
FE
-40 to 85
10 Ld 2.1 x 1.6mm
μTQFN Tape and Reel
L10.2.1x1.6A
ISL54417IRUZ-T
FF
-40 to 85
10 Ld 2.1 x 1.6mm
μTQFN Tape and Reel
L10.2.1x1.6A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
or NiPdAu termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54415, ISL54416, ISL54417


유사한 부품 번호 - ISL54417

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54417 INTERSIL-ISL54417 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54417 RENESAS-ISL54417 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
ISL54417IRUZ-T RENESAS-ISL54417IRUZ-T Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
More results

유사한 설명 - ISL54417

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com