전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL3845BP 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TL3845BP
상세설명  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL3845BP 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL3845BP Datasheet HTML 2Page - Texas Instruments TL3845BP Datasheet HTML 3Page - Texas Instruments TL3845BP Datasheet HTML 4Page - Texas Instruments TL3845BP Datasheet HTML 5Page - Texas Instruments TL3845BP Datasheet HTML 6Page - Texas Instruments TL3845BP Datasheet HTML 7Page - Texas Instruments TL3845BP Datasheet HTML 8Page - Texas Instruments TL3845BP Datasheet HTML 9Page - Texas Instruments TL3845BP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
Error-Amplifier Section Electrical Characteristics
Current-Sense Section Electrical Characteristics
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
Feedback input voltage
COMP = 2.5 V
2.45
2.5
2.55
2.42
2.5
2.58
V
Input bias current
–0.3
–1
–0.3
–2
µA
Open-loop voltage
VO = 2 V to 4 V
65
90
65
90
dB
amplification
Gain-bandwidth product
0.7
1
0.7
1
MHz
Supply-voltage rejection ratio VCC = 12 V to 25 V
60
70
60
70
dB
Output sink current
VFB = 2.7 V, COMP = 1.1 V
2
6
2
6
mA
Output source current
VFB = 2.3 V, COMP = 5 V
–0.5
–0.8
–0.5
–0.8
mA
VFB = 2.3 V,
High-level output voltage
5
6
5
6
V
RL = 15 kΩ to GND
VFB = 2.7 V,
Low-level output voltage
0.7
1.1
0.7
1.1
V
RL = 15 kΩ to GND
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
V
CC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
TL384xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
Voltage amplification(3)(4)
2.85
3
3.15
2.85
3
3.15
V/V
Current-sense comparator
COMP = 5 V
0.9
1
1.1
0.9
1
1.1
V
threshold(3)
Supply-voltage rejection
VCC = 12 V to 25 V
70
70
dB
ratio(3)
Input bias current
–2
–10
–2
–10
µA
Delay time to output
VFB = 0 V to 2 V
150
300
150
300
ns
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
(3)
Measured at the trip point of the latch, with VFB at 0 V.
(4)
Measured between ISENSE and COMP, with the input changing from 0 V to 0.8 V.
6
Submit Documentation Feedback


유사한 부품 번호 - TL3845BP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3845BP TI-TL3845BP Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3845BP TI1-TL3845BP Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3845BPE4 TI-TL3845BPE4 Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

유사한 설명 - TL3845BP

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com