전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSP-24MDB153S12G 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SSP-24MDB153S12G
상세설명  1.28 CIRCULAR, 24 LAMP POLYLED, 590nm SUPER YELLOW CHIPS, WATER CLEAR LENS, BA15 BASE, DOUBLE CONTACT AUTO BAYONET.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SSP-24MDB153S12G 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SSP-24MDB153S12G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSP-24MDB153S12G

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSP-24MDB153S12G LUMEX-SSP-24MDB153S12G Datasheet
53Kb / 1P
   1.28 CIRCULAR, 24 LAMP POLYLED, 590mm AllnGaP YELLOW CHIPS
More results

유사한 설명 - SSP-24MDB153S12G

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSP-24MB156U12G ETC1-SSP-24MB156U12G Datasheet
65Kb / 1P
   1.28 CIRCULAR, 24 LAMP POLYLED. 626nm SUPER RED CHIPS, WATER CLEAR LENS. BA15 BASE, SINGLE CONTACT AUTO BAYONET.
logo
LUMEX INC.
SSP-24MB153S12G LUMEX-SSP-24MB153S12G Datasheet
49Kb / 1P
   1.28 CIRCULAR, 24 LAMP POLYLED, 590mm SUPER YELLOW CHIPS,WATER CLEAR LENS
SSP-24MDB153S12G LUMEX-SSP-24MDB153S12G Datasheet
53Kb / 1P
   1.28 CIRCULAR, 24 LAMP POLYLED, 590mm AllnGaP YELLOW CHIPS
SSP-24MB156U12G LUMEX-SSP-24MB156U12G Datasheet
49Kb / 1P
   1.28 CIRCULAR, 24 LAMP POLYLED
logo
List of Unclassifed Man...
SSP-LXC0943S13A ETC1-SSP-LXC0943S13A Datasheet
67Kb / 1P
   0.94 CIRCULAR, 13 LED CLUSTER, 590nm SUPER YELLOW LEDS, WATER CLEAR LENS, COMMON ANODE.
logo
LUMEX INC.
SSP-D29E10SYC-12V LUMEX-SSP-D29E10SYC-12V Datasheet
42Kb / 1P
   10mm CIRCULAR E10 BASE LAMP, 590mm AllnGaP YELLOW LED, WATER CLEAR LENS.
SSP-3MB93S12G LUMEX-SSP-3MB93S12G Datasheet
44Kb / 1P
   THREE LAMP POLYLED WITH BA9S BASE, 590mm SUPER YELLOW CHIPS
SSP-24MDB156U12G LUMEX-SSP-24MDB156U12G Datasheet
53Kb / 1P
   1.28 CIRCULAR 24 LAMP POLYED 626mm AllGap RED CHIPS
SSP-D29B9SIC-12V LUMEX-SSP-D29B9SIC-12V Datasheet
43Kb / 1P
   10mm CIRCULAR BA9 BASE LAMP, 636mm AllnGaP RED, WATER CLEAR LENS.
SSP-D29E10SIC-12V LUMEX-SSP-D29E10SIC-12V Datasheet
43Kb / 1P
   10mm CIRCULAR E10 BASE LAMP, 636mm AllnGaP RED LED, WATER CLEAR LENS.
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com