전자부품 데이터시트 검색엔진 |
|
SM-A80B 데이터시트(PDF) 2 Page - Nel Frequency Controls,inc |
|
SM-A80B 데이터시트(HTML) 2 Page - Nel Frequency Controls,inc |
2 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com HS-800/810 Series Continued ECL Operating Conditions and Output Characteristics Electrical Characteristics Parameter Symbol Conditions Min Typical Max Frequency ----- ----- 15.0MHz ----- 250.0MHz Duty Cycle ----- @ V CC-1.29V 45/55% ----- 55/45% Logic 0 (2) V OL ----- V CC-1.95V ----- V CC-1.60V Logic 1 (2) V OH ----- V CC-1.02V ----- V CC-0.74V Rise & Fall Time tr,tf 20-80%V O with 50 ohm load to VCC-2V ----- 1.0 ns 1.5 ns Jitter, RMS (3) ----- ----- ----- ----- 5 psec Frequency Stability (1) dF/F Overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration General Characteristics Parameter Symbol Conditions Min Typical Max Supply Voltage V EE ----- -5.46V -5.2V -4.94V Supply Current I EE 50 ohm termination 0.0 mA ----- 80 mA To 2.00V below V CC Output current I O Low level Output Current 0.0 mA ----- ±50.0 mA Operating temperature T A ------ 0°C ----- 70°C Storage temperature T S ----- -55°C ----- 125°C Power Dissipation P D ----- ----- ----- 437 mW Lead temperature T L Soldering, 10 sec. ----- ----- 300°C Load 50 Ohm to V CC-2V or Thevenin Equivalent, Bias Required Start-up time t S ----- ----- 2 ms 10 ms Environmental and Mechanical Characteristics Mechanical Shock Per MIL-STD-202, Method 213, Condition E Thermal Shock Per MIL-STD-833, Method 1011, Condition A Vibration 0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz Soldering Condition 300°C for 10 seconds Hermetic Seal Leak rate less than 1 x 10 -8 atm.cc/sec of helium ESD Sensitivity Human Body Model per ON Semiconductor 10kH series ECL: 500V min. Footnotes: 1) Standard frequency stability (±20,±25,±50ppm & others available) 2) V OL, VOH, referenced to ground (VCC) with VEE = -5.2V 3) Jitter performance is frequency dependent. Please contact factory for full characterization. RMS jitter bandwidth of 12kHz to 20MHz. Rev. M CRYSTAL CLOCK OSCILLATORS HS - A80X - FREQ Package Code Tolerance/Performance HS Leaded 4 pin (14 pin) 0 ±100ppm 0-70°C SM Leaded 4 pin (14 pin) SMD 1 ±50ppm 0-70°C Gull Wing 7 ±25ppm 0-70°C Input Voltage 9 Customer Specific Code Specification A ±20ppm 0-70°C A 3.3V B ±50ppm -40 to +85°C 5V C ±100ppm -40 to +85°C Creating a Part Number Data Sheet 9205A |
유사한 부품 번호 - SM-A80B |
|
유사한 설명 - SM-A80B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |