전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF861C 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BF861C
상세설명  N-channel junction FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF861C 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BF861C Datasheet HTML 3Page - NXP Semiconductors BF861C Datasheet HTML 4Page - NXP Semiconductors BF861C Datasheet HTML 5Page - NXP Semiconductors BF861C Datasheet HTML 6Page - NXP Semiconductors BF861C Datasheet HTML 7Page - NXP Semiconductors BF861C Datasheet HTML 8Page - NXP Semiconductors BF861C Datasheet HTML 9Page - NXP Semiconductors BF861C Datasheet HTML 10Page - NXP Semiconductors BF861C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Sep 04
7
Philips Semiconductors
Product specification
N-channel junction FETs
BF861A; BF861B; BF861C
Fig.11 Typical input characteristics.
BF861C
VDS =8V.
handbook, halfpage
2.5
0
20
0
4
MBD469
8
12
16
2
1.5
1
0.5
V
(V)
GS
I D
(mA)
Fig.12 Typical output characteristics.
BF861C
VDS =8V.
handbook, halfpage
010
20
0
4
MBD470
8
12
16
2
468
V
(V)
DS
I D
(mA)
VGS = 0 V
400 mV
600 mV
800 mV
200 mV
1 V
Fig.13 Input and reverse transfer capacitance
as functions of gate-source voltage;
typical values.
VDS =8V.
f = 1 MHz.
handbook, halfpage
86
4
0
10
0
8
MBD471
2
6
4
2
V
(V)
GS
(pF)
rs
rs
C
is
C
is
C ,C
Fig.14 Gate current as a function of
drain-gate voltage; typical values.
VDS =8V.
handbook, halfpage
10 2
10
10 3
10 4
10 5
25
0
MBD472
5
101520
10 2
10 1
1
V
(V)
DG
I G
(nA)
1 mA
0.1 mA
I D = 10 mA
I GSS


유사한 부품 번호 - BF861C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF861C NXP-BF861C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

유사한 설명 - BF861C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMBFJ108 PHILIPS-PMBFJ108 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861 JMNIC-BF861_15 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
PMBFJ111 PHILIPS-PMBFJ111 Datasheet
36Kb / 6P
   N-channel junction FETs
April 1995
logo
Quanzhou Jinmei Electro...
BF861_2015 JMNIC-BF861_2015 Datasheet
91Kb / 12P
   N-channel junction FETs
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
   N-channel FETs
April 1995
BSR56 PHILIPS-BSR56 Datasheet
37Kb / 6P
   N-channel FETs
April 1991
logo
New Jersey Semi-Conduct...
BFW12 NJSEMI-BFW12 Datasheet
87Kb / 3P
   N-CHANNEL SILICON FETS
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com