전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8250ARZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8250ARZ
상세설명  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8250ARZ 데이터시트(HTML) 6 Page - Analog Devices

  AD8250ARZ Datasheet HTML 1Page - Analog Devices AD8250ARZ Datasheet HTML 2Page - Analog Devices AD8250ARZ Datasheet HTML 3Page - Analog Devices AD8250ARZ Datasheet HTML 4Page - Analog Devices AD8250ARZ Datasheet HTML 5Page - Analog Devices AD8250ARZ Datasheet HTML 6Page - Analog Devices AD8250ARZ Datasheet HTML 7Page - Analog Devices AD8250ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD8250
Preliminary Technical Data
Rev. PrB | Page 6 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2. AD8250 Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
+/-14V
Power Dissipation
See Figure 2
Output Short Circuit Current
Common-Mode Input Voltage
-Vs – 0.5 V to +Vs + 0.5 V
Differential Input Voltage
V
Storage Temperature
–65°C to +125°C
Operating Temperature Range
–40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
°C
Junction Temperature
°C
ΘJA (4 layer JEDEC Standard
°C/W
Board)
Package Glass Transition
Temperature
°C
ESD (Human Body Model)
kV
ESD (Charge Device Model)
kV
ESD (Machine Model)
kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


유사한 부품 번호 - AD8250ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8250ARMZ AD-AD8250ARMZ Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ AD-AD8250ARMZ Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
More results

유사한 설명 - AD8250ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8251 AD-AD8251 Datasheet
128Kb / 8P
   12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com