전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1027 데이터시트(PDF) 8 Page - Catalyst Semiconductor

부품명 CAT1027
상세설명  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1027 데이터시트(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT1027 Datasheet HTML 4Page - Catalyst Semiconductor CAT1027 Datasheet HTML 5Page - Catalyst Semiconductor CAT1027 Datasheet HTML 6Page - Catalyst Semiconductor CAT1027 Datasheet HTML 7Page - Catalyst Semiconductor CAT1027 Datasheet HTML 8Page - Catalyst Semiconductor CAT1027 Datasheet HTML 9Page - Catalyst Semiconductor CAT1027 Datasheet HTML 10Page - Catalyst Semiconductor CAT1027 Datasheet HTML 11Page - Catalyst Semiconductor CAT1027 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
6
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
WHITE LED DRIVERs
Part Number
LEDs (max)
VIN (typ)
IOUT Per
Channel
Mode
Interface
Packages (Pin Count)1
MSOP
(R,Z,GZ)
SOIC
(J,W,GW)
Thin SOT23
(TS,TD,GTD)
TQFN
(HS4,HV4,GV4)
TQFN
(HS3,HV3,GV3)
(4 x 4 mm)
(3 x 3 mm)
CAT3200
6
2.7 - 4.5V
100mA
Charge pump
Logic:
Shutdown
8
6
CAT3604
4
3.0 - 5.5V
30mA
Charge pump
3-wire
16
CAT3604-A
4
3.0 - 5.5V
30mA
Charge pump
3-wire
16
CAT3606
6
3.0 - 5.5V
30mA
Charge pump
3-wire
16
CAT3616
6
3.0 - 5.5V
30mA
Charge pump
Parallel
16
CAT3626
6
3.0 - 5.5V
30mA
Charge pump
Parallel
16
CAT4134
6
2.5 - 4.5V
150mA
Inductor-boost
Logic:
Shutdown
16
CAT4237
10
2.5-5.5V
40mA
Inductor-boost
Serial
5
CAT310
10
3.0 - 5.5V
50mA
n/a
Serial
20
APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS
WHITE LED DRIVER APPLICATION NOTES
Document Number Title
AN12
CAT32DB1 Demonstration Board for CAT32 White LED Driver
AN14
CAT32EVAL1 Evaluation Board for CAT32 White LED Driver
AN15
CAT3200DB1 Board Hardware for the CAT3200 DC-DC Converter
AN17
CAT37EVAL1 Evaluation Board for the CAT37 White LED Driver
AN20
CAT3604EVAL1 Evaluation Board for the CAT3604 White LED Driver
AN22
CAT310DB1 Demonstration Board for the CAT310 White LED Driver
AN23
CAT3606EVAL1 Evaluation Board for the CAT3606 White LED Driver
WHITE LED DRIVER DESIGN NOTE
DN9
CAT32 White LED Driver Efficiency and Inductor Value Tradeoffs
w h i t e l e d d r i v e r s
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.
Note:
1. Available in standard and“green”packages.


유사한 부품 번호 - CAT1027

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1027 CATALYST-CAT1027 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027 CATALYST-CAT1027 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027 CATALYST-CAT1027 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1027 ONSEMI-CAT1027 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1027 ONSEMI-CAT1027 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
More results

유사한 설명 - CAT1027

제조업체부품명데이터시트상세설명
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com