전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL7660IDGKR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TL7660IDGKR
상세설명  CMOS VOLTAGE CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL7660IDGKR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL7660IDGKR Datasheet HTML 7Page - Texas Instruments TL7660IDGKR Datasheet HTML 8Page - Texas Instruments TL7660IDGKR Datasheet HTML 9Page - Texas Instruments TL7660IDGKR Datasheet HTML 10Page - Texas Instruments TL7660IDGKR Datasheet HTML 11Page - Texas Instruments TL7660IDGKR Datasheet HTML 12Page - Texas Instruments TL7660IDGKR Datasheet HTML 13Page - Texas Instruments TL7660IDGKR Datasheet HTML 14Page - Texas Instruments TL7660IDGKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
Cascading Devices
1
2
3
4
8
7
6
5
TL7660
"1"
1
2
3
4
8
7
6
5
10 µF
+
+
-
+
+
-
V+
+
-
10 µF
V
= –nV+
OUT
10 µF
TL7660
"n"
+
-
10 µF
Changing the TL7660 Oscillator Frequency
1
2
3
4
8
7
6
5
TL7660
10 µF
+
-
CMOS
Gate
+
+
10 µF
V
OUT
V+
V+
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
The TL7660 may be cascaded as shown to produced larger negative multiplication of the initial supply voltage
(see Figure 6). However, due to the finite efficiency of each device, the practical limit is 10 devices for light
loads. The output voltage is defined by:
VOUT = –n (VIN)
Where n is an integer representing the number of devices cascaded. The resulting output resistance would be
approximately the weighted sum of the individual TL7660 ROUT values.
Figure 6. Cascading Devices for Increased Output Voltage
It may be desirable in some applications, due to noise or other considerations, to increase the oscillator
frequency. This is achieved by overdriving the oscillator from an external clock, as shown in Figure 7. To prevent
possible device latchup, a 1-k
Ω resistor must be used in series with the clock output. When the external clock
frequency is generated using TTL logic, the addition of a 10-k
Ω pullup resistor to V
CC supply is required. Note
that the pump frequency with external clocking, as with internal clocking, will be 1/2 of the clock frequency.
Output transitions occur on the positive-going edge of the clock.
Figure 7. External Clocking
11
Submit Documentation Feedback


유사한 부품 번호 - TL7660IDGKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7660IDGKR TI1-TL7660IDGKR Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
More results

유사한 설명 - TL7660IDGKR

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
   CMOS Voltage Converter
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
   CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
   12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
   100mA CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com