전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF6N80A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SSF6N80A
상세설명  Advanced Power MOSFET(220V, 2.0OHM, 4.5A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSF6N80A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SSF6N80A Datasheet HTML 1Page - Fairchild Semiconductor SSF6N80A Datasheet HTML 2Page - Fairchild Semiconductor SSF6N80A Datasheet HTML 3Page - Fairchild Semiconductor SSF6N80A Datasheet HTML 4Page - Fairchild Semiconductor SSF6N80A Datasheet HTML 5Page - Fairchild Semiconductor SSF6N80A Datasheet HTML 6Page - Fairchild Semiconductor SSF6N80A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power MOSFET
FEATURES
TO-3PF
1.Gate 2. Drain 3. Source
3
2
1
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
Lower Leakage Current : 25
µA (Max.) @ V
DS = 800V
Low R
DS(ON) : 1.472 Ω (Typ.)
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
ΟC)
Continuous Drain Current (T
C=100
ΟC)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
C=25
ΟC)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8“ from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
I
D
P
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W/
ΟC
A
ΟC
V
DSS
V
O
1
O
2
O
3
O
1
O
1
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
R θJC
R θJA
ΟC/W
Characteristic
Max.
Units
Symbol
Typ.
SSF6N80A
BV
DSS = 800 V
R
DS(on) = 2.0 Ω
I
D = 4.5 A
800
4.5
2.8
24
486
4.5
9
2.0
90
0.72
- 55 to +150
300
1.39
40
--
--
30
+
_
©1999 Fairchild Semiconductor Corporation
Rev. B


유사한 부품 번호 - SSF6N80A

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF6N80A6 SILIKRON-SSF6N80A6 Datasheet
429Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF6N80A6 GOOD-ARK-SSF6N80A6 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
SSF6N80A6 GOOD-ARK-SSF6N80A6_15 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
More results

유사한 설명 - SSF6N80A

제조업체부품명데이터시트상세설명
logo
Rohm
RD3H045SPFRA ROHM-RD3H045SPFRA Datasheet
2Mb / 15P
   Pch -45V -4.5A Power MOSFET
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
   Nch 30V 4.5A Power MOSFET
RW4C045BC ROHM-RW4C045BC Datasheet
2Mb / 14P
   Pch -20V -4.5A Power MOSFET
20190610 - Rev.002
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
   Pch 45V 4.5A Power MOSFET
RS3L045GN ROHM-RS3L045GN Datasheet
2Mb / 14P
   Nch 60V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
   Pch -45V -4.5A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
RSQ045N03FRA ROHM-RSQ045N03FRA Datasheet
1Mb / 15P
   Nch 30V 4.5A Power MOSFET
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
   Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com